| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89LPC913FDH bảng dữ liệu(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC913FDH bảng dữ liệu(HTML) 31 Page - NXP Semiconductors |
|
31 / 63 page ![]() Philips Semiconductors P89LPC912/913/914 8-bit microcontrollers with two-clock 80C51 core Product data Rev. 03 — 17 December 2004 31 of 63 9397 750 14468 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 9.11 I/O ports The P89LPC912 and P89LPC913 devices have 4 I/O ports: Port 0, Port 1, Port 2 and Port 3. The exact number of I/O pins available depends on the clock and reset options chosen, as shown in Table 10. Fig 13. Interrupt sources, interrupt enables, and power-down wake-up sources (P89LPC912). 002aaa484 BOF EBO KBF EKB INTERRUPT TO CPU WAKE-UP (IF IN POWER-DOWN) EWDRT CMF2 CMF1 EC EA (IE0.7) TF0 ET0 TF1 ET1 SPIF ESPI RTCF ERTC (RTCCON.1) WDOVF Fig 14. Interrupt sources, interrupt enables, and power-down wake-up sources (P89LPC913, P89LPC914). 002aaa485 BOF EBO KBF EKB INTERRUPT TO CPU WAKE-UP (IF IN POWER-DOWN) EWDRT CMF2 CMF1 EC EA (IE0.7) RTCF ERTC (RTCCON.1) WDOVF TF0 ET0 TF1 ET1 TI & RI/RI ES/ESR TI EST SPIF ESPI |