công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM7180SFP bảng dữ liệu(PDF) 6 Page - EM Microelectronic - MARIN SA

tên linh kiện EM7180SFP
Giải thích chi tiết về linh kiện  Ultra Low Power Sensor Fusion Platform
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMMICRO [EM Microelectronic - MARIN SA]
Trang chủ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM7180SFP bảng dữ liệu(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM7180SFP Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
EM7180SFP
Copyright
2014, EM Microelectronic-Marin SA
7180SFP-DS Version 1.1, 10-Dec-14
6
www.emmicroelectronic.com
420005-A01, 2.0
2.3. Normal Operation
During Normal Operation the sensors and SENtral algorithm will run and it will be possible to obtain real-time orientation and
motion-tracking data from SENtral. The registers used in Normal Operation are given in Table 6.
Register Name
Address
Register Value
HostControl
0x34
[0] 1 = Run Request
0 = Enable Initialized State
MagRate
0x55
Requested magnetometer output data rate
AccelRate
0x56
Requested accelerometer output data rate divided by 10
GyroRate
0x57
Requested gyroscope output data rate divided by 10
ActualMagRate
0x45
Actual magnetometer output data rate
ActualAccelRate
0x46
Actual accelerometer output data rate divided by 10
ActualGyroRate
0x47
Actual gyroscope output data rate divided by 10
QRateDivisor
0x32
Along with GyroRate, establishes output data rate for
quaternion data.
EnableEvents
0x33
‘1’ indicates an interrupt to the host will be generated for the
event.
[0] CPUReset. Non-maskable
[1] Error
[2] QuaternionResult
[3] MagResult
[4] AccelResult
[5] GyroResult
[6] Reserved
[7] Reserved
EventStatus
0x35
‘1’ indicates a new event has been generated.
[0] CPUReset
[1] Error
[2] QuaternionResult
[3] MagResult
[4] AccelResult
[5] GyroResult
Table 6 Normal Operation Registers
Prior to entering the Normal Operation state it is necessary to perform the following
:
-
Set the sensor output data rates (ODRs): MagRate, AccelRate, and GyroRate. If a sensor rate is set to 0x00, SENtral
will shutdown the sensor and disable SENtral background calibration. There are two major points regarding setting
these registers:
o
The AccelRate and GyroRate register values should be 1/10th the desired rate, while the MagRate value
should match the desired ODR. For example, if the desired ODR is 30 Hz for the magnetometer, 100 Hz for
the accelerometer, and 200 Hz for the gyroscope, then the respective register values should be 0x1E (30d),
0x0A (10d), and 0x14 (20d).
o
The actual accelerometer and gyro ODRs are limited to the ODRs supported by the specific sensors (in this
case BMX055). If the AccelRate or GyroRate register values do not correspond to a supported ODR, then the
next highest ODR will be used. For instance, if the GyroRate register is set to 0x14, which corresponds to
200 Hz, but the gyro supports 95 Hz, 190 Hz, and 380 Hz, then the actual gyro ODR will be 380 Hz since this
is the closest supported rate above that requested by the register. During Normal Operation, the actual sensor
rates can be read from ActualMagRate, ActualAccelRate and ActualGyroRate registers.
-
Establish the quaternion output data rate, where the quaternion output data rate equals GyroRate divided by
QRateDivisor. The default for QRateDivisor is 0x00, which is interpreted as ‘1’ and results in the quaternion output
data rate equalling GyroRate.
-
Establish which events will trigger an interrupt to the host by configuring the EnableEvent register. It is specifically
recommended to enable bit [1], the Error interrupt bit, in addition to whichever other interrupts the user wants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com