công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1104LS bảng dữ liệu(PDF) 12 Page - STANLEY ELECTRIC CO.,LTD.

tên linh kiện 1104LS
Giải thích chi tiết về linh kiện  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Trang chủ  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS bảng dữ liệu(HTML) 12 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
1104LS series
Packaging specification
【Moisture-proof packaging specification】
Fastener for re-storage
after opening bag
Customer's opening position
Product label
(Desiccant with indicator for
moisture level is enclosed.)
A
NO.
PART NAME
MATELRIAL
REMARKS
①
Moisture-proof bag
with Aluminum layer
PET+Al+PE
with ESD
protection
①
Heat sealing position (after product being put in)
Yes
No
Yes
No
Yes
No
Baking LED under recommended condition
Product Mounting
Unused-product remained
Return to moisture-proof package and seal
Finished
Reopen the moisture-proof package
Flow chart:Package Opening to Mounting
Stored under recommended condition
Moisture-proof package first time opening
Allowable leaving time exceeded (*)
Discoloration of silica gel
Allowable leaving time means the
maximum allowable leaving time after
opening package, which depends on each
LED type.
The allowable leaving time should be
calculated form the first opening of package
to the time when soldering process is
finished.
When judging if the allowable leaving time
has exceeded or not, please subtract the
soldering time. The allowable leaving time
after reopening should be calculated form
the first opening of package, or from the
time when baking process is finished.
【Flow chart : package opening to mounting】
Page 12
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com