| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4263GS bảng dữ liệu(PDF) 16 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4263GS bảng dữ liệu(HTML) 16 Page - Infineon Technologies AG |
|
16 / 19 page ![]() Data Sheet 16 Rev. 2.9, 2013-11-25 TLE 4263 Figure 8 PG-DSO-20 (Plastic Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). -0.2 Index Marking 1 10 +0.15 0.35 0.2 20 2) 11 20x 0.1 10.3 7.6 ±0.3 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) 1) Does not include dambar protrusion of 0.05 max. per side 1.27 0.35 x 45˚ +0.8 0.4 12.8 -0.2 1) GPS05094 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |