công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL76120ARTZ bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL76120ARTZ
Giải thích chi tiết về linh kiện  Automotive Grade USB 2.0 High/Full Speed Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL76120ARTZ bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL76120ARTZ Datasheet HTML 1Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 2Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 3Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 4Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 5Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 6Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 7Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 8Page - Renesas Technology Corp ISL76120ARTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN6711 Rev 3.00
Page 1 of 15
January 9, 2015
FN6711
Rev 3.00
January 9, 2015
ISL76120
Automotive Grade USB 2.0 High/Full Speed Multiplexer
DATASHEET
The Intersil ISL76120 dual 2:1 multiplexer IC is a single supply
part that can operate from a single 2.7V to 5.5V supply. It
contains two SPDT (Single Pole/Double Throw) switches
configured as a DPDT. The part was designed for switching
between USB high-speed and USB full-speed sources in portable
battery powered products.
The normally-closed (NC) FSx switches can swing rail-to-rail and
were specifically designed to pass USB full speed data signals
(12Mbps) that range from 0V to 3.6V. The normally-open (NO)
HSx switches have high bandwidth and low capacitance and
were specifically designed to pass USB high speed data signals
(480Mbps) with minimal distortion.
The part can be used in a variety of automotive entertainment
and infotainment applications where consumer USB devices
such as Portable Media Players (PMPs) are to be connected to
embedded systems. The product allows switching between a
high-speed transceiver and a full-speed transceiver while
connected to a single USB host. Additionally, the part can be
used for charge control of PMPs.
The digital logic inputs are 1.8V logic compatible when operated
with a 2.7V to 3.6V supply. The part has an enable pin to open
all switches. It can be used to facilitate proper bus disconnect
and connection when switching between the USB sources.
The ISL76120 is available in a 10 Ld 3mmx3mm TDFN
package. It operates across a temperature range of -40°C to
+105°C.
Features
• High speed (480Mbps) and full speed (12Mbps) signaling
capability per USB 2.0
• 1.8V logic compatible (2.7V to +3.6V supply)
• Enable pin to open all switches, simplifies multiple USB
client management
•-3dB frequency
- HSx switches. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 880MHz
- FSx switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 550MHz
• Crosstalk at 1MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -70dB
• Off-isolation at 100kHz . . . . . . . . . . . . . . . . . . . . . . . . . . -98dB
• Single supply operation (VDD). . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Available in TDFN package
• Robust ESD rating . . . . . . . . . . . . . . . . . . . . . . . . > 8.5kV HBM
• Ultra-low operating current . . . . . . . . . . . . . . . . . . . . . . . 60nA
• -40°C to +105°C Operation
• AEC-Q100 qualified component
• Pb-Free (RoHS Compliant)
Applications
• Automotive
-USB docks
- MP3 and PMP player attach kits
- Infotainment systems
• After market automotive options
PORTABLE MEDIA DEVICE
ISL76120
USB
TRANSCEIVER
HIGH-SPEED
COMD1
COMD2
IN
GND
HSD1
HSD2
FSD1
FSD2
VDD
EN
LOGIC CIRCUITRY
µCONTROLLER
4MΩ
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
3.3V
FIGURE 1. APPLICATION BLOCK DIAGRAM


Số phần tương tự - ISL76120ARTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
Automotive Grade USB 2.0 High/Full Speed Multiplexer
May 29, 2008
ISL76120 INTERSIL-ISL76120 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results

Mô tả tương tự - ISL76120ARTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
USB 2.0 High/Full Speed Multiplexer
July 11, 2007
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
Automotive Grade USB 2.0 High/Full Speed Multiplexer
May 29, 2008
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
High-Speed USB 2.0 480Mbps Multiplexer
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
High-Speed USB 2.0 (480Mbps) Multiplexer
February 4, 2010
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com