công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL43681IR bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện ISL43681IR
Giải thích chi tiết về linh kiện  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43681IR bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  ISL43681IR Datasheet HTML 1Page - Renesas Technology Corp ISL43681IR Datasheet HTML 2Page - Renesas Technology Corp ISL43681IR Datasheet HTML 3Page - Renesas Technology Corp ISL43681IR Datasheet HTML 4Page - Renesas Technology Corp ISL43681IR Datasheet HTML 5Page - Renesas Technology Corp ISL43681IR Datasheet HTML 6Page - Renesas Technology Corp ISL43681IR Datasheet HTML 7Page - Renesas Technology Corp ISL43681IR Datasheet HTML 8Page - Renesas Technology Corp ISL43681IR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL43681, ISL43741
FN6053 Rev 3.00
Page 2 of 18
Mar 13, 2006
Pinouts
ISL43681 (QFN)
TOP VIEW
ISL43741 (QFN)
TOP VIEW
COM
NO7
NO5
EN
EN
NO4
NO0
NO6
ADDC
ADDB
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
LOGIC
COMB
NO3B
NO2B
EN
EN
NO2A
COMA
NO0A
NO3A
ADDB
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
LOGIC
Truth Tables
ISL43681
LE
EN
EN
ADDC ADDB ADDA
SWITCH ON
0
1
0
X
X
X
Last Switch
Selected
X
0
XXXX
NONE
XX
1
XXX
NONE
110000
NO0
110001
NO1
110010
NO2
110011
NO3
110100
NO4
110101
NO5
110110
NO6
110111
NO7
NOTE: Logic “0”
0.8V. Logic “1” 2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
ISL43741
LE
EN
EN
ADDB ADDA
SWITCH ON
0
1
0
X
X
Last Switch Selected
X
0
X
X
X
NONE
XX
1
X
X
NONE
11000
NO0A, NO0B
11001
NO1A, NO1B
11010
NO2A, NO2B
11011
NO3A, NO3B
NOTE: Logic “0”
0.8V. Logic “1” 2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
ISL43681IR
43681IR
-40 to 85
20 Ld QFN L20.4x4
ISL43681IRZ
(Note)
43681IRZ
-40 to 85
20 Ld QFN
(Pb-free)
L20.4x4
ISL43741IR
43741IR
-40 to 85
20 Ld QFN L20.4x4
ISL43741IRZ
(Note)
43741IRZ
-40 to 85
20 Ld QFN
(Pb-free)
L20.4x4
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
EN
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
EN
Digital Control Input. Connect to V+ for Normal
Operation. Connect to GND to turn all switches off.
LE
Digital Control Input. Connect to +V for Normal
Operation. Connect to GND to latch the last switch state.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
ADD
Address Input Pin
N.C.
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com