công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8213 bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện AD8213
Giải thích chi tiết về linh kiện  Dual, High Voltage, Current Shunt Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8213 bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button AD8213 Datasheet HTML 6Page - Analog Devices AD8213 Datasheet HTML 7Page - Analog Devices AD8213 Datasheet HTML 8Page - Analog Devices AD8213 Datasheet HTML 9Page - Analog Devices AD8213 Datasheet HTML 10Page - Analog Devices AD8213 Datasheet HTML 11Page - Analog Devices AD8213 Datasheet HTML 12Page - Analog Devices AD8213 Datasheet HTML 13Page - Analog Devices AD8213 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AD8213
Data Sheet
Rev. D | Page 14 of 14
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 33. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8213YRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
H0U
AD8213YRMZ-RL
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
H0U
AD8213YRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
H0U
AD8213WYRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
Y2B
AD8213WYRMZ-RL
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
Y2B
AD8213WYRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
Y2B
AD8213WHRMZ
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
Y5C
AD8213WHRMZ-RL
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP], 13”Tape and Reel
RM-10
Y5C
AD8213WHRMZ-R7
−40°C to +150°C
10-Lead Mini Small Outline Package [MSOP], 7”Tape and Reel
RM-10
Y5C
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8213W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2007–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06639-0-12/16(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com