| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BVS-A-R002 bảng dữ liệu(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
BVS-A-R002 bảng dữ liệu(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG |
|
3 / 5 page ![]() 3 /5 ISA-WELD® // PrEcISIon rESIStorS BVS // 3920 Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 20-November-2017 // current valid issue: see www.isabellenhuette.de 0 0,25 0,5 0,75 1 1,25 0 20 40 60 80 100 120 140 160 180 Power derating curve at 100 °C Example: BVS-M-R0005 Stability < 1.0 % Improved stability < 0.5 % terminal temperature tK [°c] Power derating curve at 70 °C Example: BVS-M-R001 Type Value [mΩ] Rthi [K/W] TCR [ppm/K] P100°C P70°C Note [W] [W] BVS-Z-r0002 0.2 3 200 5 12 BVS-M-r0003 0.3 4.5 150 5 10 BVS-M-r0005 0.5 8 70 5 9 BVS-M-r0007 0.7 11 60 5 8 BVS-M-r001 1 15 <50 4 7 BVS-A-r001 1 9 <50 5 8 Aluchrom material has ferromagnetic properties and should not be used in Ac-applications BVS-A-r0015 1.5 12 <50 4.5 7 BVS-A-r002 2 16 <50 4 6 BVS-A-r0028 2.8 21 <50 3 5 BVS-A-r003 3 22 <50 3 5 BVS-A-r004 4 30 <50 2.5 4 BVS-I-r002 2 16 <50 4 6 BVS-I-r003 3 24 <50 3 5 BVS-I-r004 4 32 <50 2.5 4 BVS-I-r005 5 50 <50 2 3 BVS-V-r002 2 20 <50 3.5 5 AEC-Q200 qualification in process BVS-K-r000 <0.2 mohm Imax = 160 A terminal temperature tK [°c] 0 0,25 0,5 0,75 1 1,25 0 20 40 60 80 100 120 140 160 180 70 Abbrevation type: A=Aluchrom I=ISAoHM® K=SF-copper tinned M=MAnGAnIn® V=noVEntIn® Z=ZErAnIn®30 P / P 70 °c P / P 100 °c |