công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3207CBZ bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ICL3207CBZ
Giải thích chi tiết về linh kiện  Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3207CBZ bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ICL3207CBZ Datasheet HTML 4Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 5Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 6Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 9Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 10Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 11Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FN4892 Rev 7.00
Page 10 of 12
August 21, 2015
ICL3207, ICL3217
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2001-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
August 21, 2015
FN4892.7
Updated Ordering Information table on page 2.
Added Revision History and About Intersil sections.
Updated Package Outline Drawing M24.3 to the latest revision updates are as follows:
-Revision 0 to Revision 1, Removed µ symbol which is overlapping the alpha symbol in the diagram.
-Revision 1 to Revision 2, Updated to new POD standard by removing table listing dimensions and putting
dimensions on drawing. Added Land Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com