công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASG-101 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện ASG-101
Giải thích chi tiết về linh kiện  DC-3000 MHz SiGe HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ASG-101 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  ASG-101 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASG-101 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASG-101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASG-101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASG-101 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASG-101 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
www.ASB.co.kr
March. 2004
1) S11 & S22 can be improved, at a specific frequency, by moving
an input shunt capacitor (C2) along an input transmission line.
2) OIP3 is measured with two tones at an output power of +5 dBm/tone
separated by 1 MHz.
ASG101
Application Circuit: 900 MHz
Typical Performance
S-parameters
Frequency
900 MHz
Magnitude S21
22 dB
Magnitude S11
1)
-16 dB
Magnitude S22
1)
-19 dB
Output P1dB
18 dBm
Output IP3
2)
31 dBm
Noise Figure
3.0 dB
Supply Voltage
4.5 V
Current
55 mA
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
Gain vs. Temperature
L2=10nH
R1=10 k
Ω
L1=22 nH
C3=100pF
Vs=4.5V
RF IN
RF OUT
C4=
100 pF
C5=
1000 pF
C1=6 pF
50
Ω
ASG101
5.5 mm
C2=5.6 pF
50
Ω
4.5 mm
C6=
1
µF
-60
-40
-20
0
20
40
60
80
100
16
18
20
22
24
26
28
Frequency = 900MHz
600
700
800
900
1000
1100
1200
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
+ 85 ΒC
+ 25 ΒC
- 40 ΒC
600
700
800
900
1000
1100
1200
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
+85 ΒC
+25 ΒC
-40 ΒC



Html Pages

1 2 3 4 5 6