| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS82C52Z bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CS82C52Z bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 21 page ![]() 82C52 FN2950 Rev 4.00 Page 18 of 21 November 25, 2015 FIGURE 20. OTHER TIMING NOTES: 1. DR bit D7 in USR is updated each time DR changes state. TDRH always from trailing edge of 11th CO(BRG) in last Stop bit. 2. INTR on receive flags OE, FE, PE, and RBRK: INTEN enabled; Respective USR bits updated at this time regardless of interrupt configuration. - INT on OE, FE, PE, RBRK occurs from the trailing edge of the 11th CO(BRG) in the last Stop bit. To avoid OE, RD(RBR) must go low by the trailing edge of the 8th CO(BRG) in the last Stop bit. 3. INTR on MS: INTEN and MIEN enabled; USR bit D4(MS) is updated at this time regardless of INTEN/MIEN. - INTR on MS occurs whenever CTS or DSR input changes state. UART Timing Characterization (Continued) INTR DSR/CTS RD RTS/DTR WR (23) TRLIL (22) TIHM MSR (27) TWHO MCR NOTE 3 |