| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
82C84A bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
82C84A bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 13 page ![]() 82C84A FN2974 Rev 4.00 Page 2 of 13 Sep 9, 2015 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # CP82C84A CP82C84A 0 to +70 18 Ld PDIP E18.3 CP82C84AZ (see Note) CP82C84AZ 0 to +70 18 Ld PDIP* (Pb-free) E18.3 CS82C84A (No longer available, recommended replacements: CP82C84A, CP82C84AZ) CS82C84A 0 to +70 20 Ld PLCC N20.35 CS82C84AZ (Note) (No longer available, recommended replacements: CP82C84A, CP82C84AZ) CS82C84AZ 0 to +70 20 Ld PLCC (Pb-free) N20.35 CS82C84AZ96 (Note) (No longer available, recommended replacements: CP82C84A, CP82C84AZ) CS82C84AZ 0 to +70 20 Ld PLCC Tape and Reel (Pb-free) N20.35 MD82C84A/B MD82C84A/B -55 to +125 18 Ld CERDIP F18.3 8406801VA 8406801VA -55 to +125 18 Ld CERDIP SMD# F18.3 MR82C84A/B (Not available, not supported) MR82C84A/B -55 to +125 20 Pad CLCC J20.A 84068012A (Not available, not supported) 84068012A -55 to +125 20 Pad CLCC SMD# J20.A *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. |