công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6563 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện ISL6563
Giải thích chi tiết về linh kiện  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6563 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6563 Datasheet HTML 5Page - Renesas Technology Corp ISL6563 Datasheet HTML 6Page - Renesas Technology Corp ISL6563 Datasheet HTML 7Page - Renesas Technology Corp ISL6563 Datasheet HTML 8Page - Renesas Technology Corp ISL6563 Datasheet HTML 9Page - Renesas Technology Corp ISL6563 Datasheet HTML 10Page - Renesas Technology Corp ISL6563 Datasheet HTML 11Page - Renesas Technology Corp ISL6563 Datasheet HTML 12Page - Renesas Technology Corp ISL6563 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL6563
FN9126 Rev 8.00
Page 9 of 20
Jun 10, 2010
PWM OPERATION
One switching cycle for the ISL6563 is defined as the time
between consecutive PWM pulse terminations (turn-off of
the upper MOSFET on a channel). Each cycle begins when
a switching clock signal commands the upper MOSFET to
go off. The other channel’s upper MOSFET conduction is
terminated 1/2 of a cycle later.
Once a channel’s upper MOSFET is turned off, the lower
MOSFET remains on for a minimum of 1/3 cycle. This forced
off time is required to assure an accurate current sample.
Following the 1/3-cycle forced off time, the controller enables
the upper MOSFET output. Once enabled, the upper
MOSFET output transitions high when the sawtooth signal
crosses the adjusted error-amplifier output signal, as
illustrated in the ISL6563’s block diagram. Just prior to the
upper drive turning the MOSFET on, the lower MOSFET
drive turns the freewheeling element off. The upper
MOSFET is kept on until the clock signals the beginning of
the next switching cycle and the PWM pulse is terminated.
CURRENT SENSING
ISL6563 senses current by sampling the voltage across the
lower MOSFET during its conduction interval. MOSFET
rDS(ON) sensing is a no-added-cost method to sense current
for load line regulation, channel current balance, module
current sharing, and overcurrent protection.
The PHASE pins are used as inputs for each channel.
Internal circuitry samples the lower MOSFETs’ rDS(ON)
voltage, once each cycle, during their conduction periods
and time multiplexes the sampled voltages across the ISEN
resistor. The current that is thus developed through the ISEN
resistor is duplicated and fed back through the FB pin to
create droop, as well as used for channel current balancing.
CHANNEL-CURRENT BALANCE
Another benefit of multiphase operation is the thermal
advantage gained by distributing the dissipated heat over
multiple devices and greater area. By doing this, the
designer avoids the complexity of driving multiple parallel
MOSFETs and the expense of using expensive heat sinks
and exotic magnetic materials.
In order to fully realize the thermal advantage, it is important
that each channel in a multiphase converter be controlled to
deliver about the same current at any load level. Intersil
multiphase controllers ensure current balance by comparing
each channel’s current to the average current delivered by
all channels and making appropriate adjustments to each
channel’s pulse width based on the error. The error signal
modifies the pulse width to correct any unbalance and force
the error toward zero.
OVERCURRENT PROTECTION
The individual channel currents, as sensed via the PHASE
pins and scaled via the ISEN resistor, are continuously
monitored and compared with an internal 95µA reference
current. If both channels’ currents exceed, at any time, the
reference current, the overcurrent comparator triggers an
overcurrent event. Similarly, an OC event is also triggered if
either channel’s current exceeds the 95µA reference for 7
consecutive switching cycles.
As a result of an OC event, output drives on both channels
turn off both upper and lower MOSFETs. The system then
waits in this state for a period of 4096 switching clock cycles.
The wait period is followed by a soft-start attempt. If the soft-
start attempt is successful, operation continues as normal.
Should the soft-start attempt fail, the ISL6563 repeats the
2048-cycle wait period and follows with another soft-start
attempt. This hiccup mode of operation continues indefinitely
(as depicted in Figure 4) for as long as the controller is
enabled or until the overcurrent condition is removed.
OUTPUT VOLTAGE SETTING
The ISL6563 uses a digital to analog converter (DAC) to
generate a reference voltage based on the logic signals at the
VID pins. The DAC decodes the 5 or 6-bit logic signals into one
of the discrete voltages shown in Tables 1 through 3. Each VID
pin is pulled up to an internal 1.2V voltage by weak current
sources (about 45µA current, decreasing to 0 as the voltage at
the VID pins varies from 0 to the internal 1.2V pull-up voltage).
External pull-up resistors or active-high output stages can
augment the pull-up current sources, up to a voltage of 5V.
.
The ISL6563 accommodates three different DAC ranges:
Intel VRM9.0, AMD Hammer, or Intel VRM10.0 - see
“Functional Pin Description” on page 6 for proper
connections for DAC range compatibility.
TABLE 1. AMD HAMMER VOLTAGE IDENTIFICATION
CODES
VID4
VID3
VID2
VID1
VID0
VDAC
111
11
Off
111
10
0.800
111
01
0.825
111
00
0.850
OUTPUT CURRENT
FIGURE 4. OVERCURRENT BEHAVIOR IN HICCUP MODE
OUTPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com