| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL6504ACRZ bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6504ACRZ bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 17 page ![]() ISL6504, ISL6504A FN9062 Rev 2.00 Page 2 of 17 Apr 13, 2004 Pinouts ISL6504/A (WIDE BODY SOIC) TOP VIEW ISL6504/A (6X6 QFN) TOP VIEW 10 11 12 13 14 15 16 7 6 5 4 3 2 1 3V3DLSB 3V3DL S3 1V2VID 3V3 1V5SB 5VSB VID_PG DLA SS FAULT 5VDL S5 VID_CT GND 5VDLSB 9 8 NOTE: SOIC layout should accomodate both wide and narrow footprints. NOTE: The QFN bottom pad is electrically connected to the IC substrate, at GND potential. It can be left unconnected, or connected to GND; do NOT connect to another potential. 3V3DL 1V2VID 3V3 NC S3 VID_PG NC 5VDL SS 5VDLSB 1 2 3 4 5 67 8 9 10 15 14 13 12 11 20 19 18 17 16 Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. DWG. # ISL6504CB 0 to 70 16 Ld SOIC M16.3 ISL6504CBZ (Note) 0 to 70 16 Ld SOIC (Pb-free) M16.3 ISL6504CBN 0 to 70 16 Ld SOIC M16.15 ISL6504CBNZ (Note) 0 to 70 16 Ld SOIC (Pb-free) M16.15 ISL6504CR 0 to 70 20 Ld 6x6 QFN L20.6x6 ISL6504CRZ (Note) 0 to 70 20 Ld 6x6 QFN (Pb-free) L20.6x6 ISL6504EVAL1 Evaluation Board ISL6504ACB 0 to 70 16 Ld SOIC M16.3 ISL6504ACBZ (Note) 0 to 70 16 Ld SOIC (Pb-free) M16.3 ISL6504ACBN 0 to 70 16 Ld SOIC M16.15 ISL6504ACBNZ (Note) 0 to 70 16 Ld SOIC (Pb-free) M16.15 ISL6504ACR 0 to 70 20 Ld 6x6 QFN L20.6x6 ISL6504ACRZ (Note) 0 to 70 20 Ld 6x6 QFN (Pb-free) L20.6x6 ISL6504AEVAL1 Evaluation Board Add “-T” suffix for tape and reel. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. |