công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLP331M300EA0A bảng dữ liệu(PDF) 1 Page - Cornell Dubilier Electronics

tên linh kiện MLP331M300EA0A
Giải thích chi tiết về linh kiện  Ultra Long Life, Aluminum Electrolytic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CDE [Cornell Dubilier Electronics]
Trang chủ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP331M300EA0A bảng dữ liệu(HTML) 1 Page - Cornell Dubilier Electronics

  MLP331M300EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The MLP’s high-energy storage and box-shape make it perfect for
voltage holdup or filtering in military SEM-E modules, telecom
circuit packs and computer cards. The MLP delivers up to 20 joules
of energy storage in a 1/2” height with 50 year’s life at +45 ºC. You
can readily heatsink it to double the ripple-current capability. The MLP
is the square-peg component that fits the square-holes in electronic
assemblies.
Highlights
- Low-profile replacement for snap-ins
- Double the ripple capability with a heatsink
- Nearly hermetic welded seal assures 50-year life
- Withstands more than 80,000 feet altitude
Specifications
Temperature Range
–55°C to +85°C ≤250 Vdc
–40°C to +85°C ≥300 Vdc
Rated Voltage Range
7.5 Vdc to 450 Vdc
Capacitance Range
110 µF to 47,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 min.
Ripple Current Multipliers
Ambient Temperature, No Heatsink
Low Temperature Characteristics
Impedance ratio: Z
–55⁰C ∕ Z+25⁰C
≤ 10 (7.5 - 20 Vdc)
≤ 2 (25 – 250 Vdc)
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 4 (300–450Vdc)
Endurance Life Test
2000 h @ full load at +85 °C
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
All case sizes: 10g.
MIL-STD-202, Meth. 204,Sine Swept, EIEC 60068-2-6
Frequency
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLP 85 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
45 °C
55 °C
65 °C
75 °C
85 °C
3.79
3.32
2.77
2.08
1.00
45 °C
55 °C
65 °C
75 °C
85 °C
1.00
0.90
0.75
0.56
0.27
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz
& up
7.5 to 63 V
0.94
0.95
1.00
1.04
1.05
1.06
1.06
80 to 450 V
0.80
0.85
1.00
1.17
1.24
1.28
1.29
Case Temperature


Số phần tương tự - MLP331M300EA0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cornell Dubilier Electr...
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
More results

Mô tả tương tự - MLP331M300EA0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
13-Oct-16
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
08-Sep-17
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
04-May-2018
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
13-Oct-16
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
16-May-2018
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com