công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29PL064J bảng dữ liệu(PDF) 21 Page - SPANSION

tên linh kiện S29PL064J
Giải thích chi tiết về linh kiện  CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL064J bảng dữ liệu(HTML) 21 Page - SPANSION

Back Button S29PL064J Datasheet HTML 17Page - SPANSION S29PL064J Datasheet HTML 18Page - SPANSION S29PL064J Datasheet HTML 19Page - SPANSION S29PL064J Datasheet HTML 20Page - SPANSION S29PL064J Datasheet HTML 21Page - SPANSION S29PL064J Datasheet HTML 22Page - SPANSION S29PL064J Datasheet HTML 23Page - SPANSION S29PL064J Datasheet HTML 24Page - SPANSION S29PL064J Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
April 7, 2005 31107A62
S29PL127J/S29PL129J/S29PL064J/S29PL032J
19
PRE L I M INARY
56-pin TSOP 20 x 14 mm Configuration (PL127J)
For this family of products, a single multi-chip compatible package is offered for
each density to allow both standalone and multi-chip qualification using a single,
adaptable package. This new methodology allows package standardization
resulting in faster development. The multi-chip compatible package includes all
the pins required for standalone device operation and verification. In addition,
extra pins are included for insertion of common data storage or logic devices to
be used for multi-chip products. If a standalone device is required, the extra
multi-chip specific pins are not connected and the standalone device operates
normally. The multi-chip compatible package sizes were chosen to serve the
largest number of combinations possible. There are only a few cases where a
larger package size would be required to accommodate the multi-chip
combination. This multi-chip compatible package set does not allow for direct
package migration from the Am29BDS128H, Am29BDS128G, Am29BDS640G
products, which use legacy standalone packages.
Special Package Handling Instructions
Special handling is required for Flash Memory products in molded packages
(TSOP, BGA, PDIP, SSOP, PLCC). The package and/or data integrity may be
compromised if the package body is exposed to temperatures above 150°C for
prolonged periods of time.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
RESET#
RY/BY#
A0
A1
A2
A3
A4
A5
VCC
DQ0
DQ1
DQ2
DQ3
VSSQ
DQ4
DQ5
DQ6
DQ7
VSS
NC
A6
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
WP#/ACC
WE#
NC
A22
A21
A20
OE#
NC
CE#
VSS
DQ15
DQ14
DQ13
DQ12
VSSQ
VCCQ
DQ11
DQ10
DQ9
DQ8
VCC
A19
23
24
25
26
27
28
A7
A8
A9
A10
A11
A12
34
33
32
31
30
29
A18
A17
A16
A15
A14
A13
VCCQ
56-pin TSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com