công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

78613/16JC bảng dữ liệu(PDF) 1 Page - Murata Power Solutions Inc.

tên linh kiện 78613/16JC
Giải thích chi tiết về linh kiện  Surface Mount General Purpose Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78613/16JC bảng dữ liệu(HTML) 1 Page - Murata Power Solutions Inc.

  78613/16JC Datasheet HTML 1Page - Murata Power Solutions Inc. 78613/16JC Datasheet HTML 2Page - Murata Power Solutions Inc. 78613/16JC Datasheet HTML 3Page - Murata Power Solutions Inc. 78613/16JC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KMP_786JC_A04 Page 1 of 4
786J Series
Surface Mount General Purpose Pulse Transformers
www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
J-STD-020D reflow
RoHS compliant
4 Configurations
Primary inductance to 10mH
1kVrms isolation
Industry standard pinout
UL 94 V-0 package materials
Low profile
Toroidal construction
DESCRIPTION
The 786J series is a comprehensive range of
general purpose pulse transformers. Common
applications include line coupling, matching or
isolating. The devices can also be used in small
isolated power supplies and also as common-
mode chokes in filtering applications.
For through hole variants please see 786 Series
datasheet.
SELECTION GUIDE
Order Code
Turns Ratio
μH
Vμs
μH
pF
Ω
Vrms
78601/4JC
1:1
58
4
0.19
8
0.17
1000
1
78601/3JC
1:1
150
6
0.20
14
0.25
78601/2JC
1:1
350
10
0.25
22
0.34
78601/8JC
1:1
850
15
0.29
35
0.45
78601/1JC
1:1
2000
20
0.47
49
0.60
78601/16JC
1:1
3650
28
0.69
78
0.84
78601/9JC
1:1
10000
56
0.93
121
1.30
78602/4JC
1:1:1
53
4
0.11
12
0.18
1000
2
78602/3JC
1:1:1
180
6
0.17
19
0.24
78602/2JC
1:1:1
380
10
0.27
32
0.34
78602/8JC
1:1:1
970
15
0.37
47
0.46
78602/1JC
1:1:1
1890
20
0.65
72
0.66
78602/16JC
1:1:1
3350
28
0.71
116
1.20
78602/9JC
1:1:1
10000
56
0.71
167
1.80
78604/4JC
2:1
65
4
0.41
4
0.18
1000
1
78604/3JC
2:1
160
6
0.49
9
0.25
78604/2JC
2:1
500
10
0.65
13
0.34
78604/8JC
2:1
850
15
0.76
20
0.46
78604/1JC
2:1
1840
20
0.99
29
0.60
78604/16JC
2:1
3300
28
1.61
50
0.85
78604/9JC
2:1
10000
56
2.30
72
1.23
78613/4JC
1CT:1
50
4
0.30
7
0.20
1000
3
78613/3JC
1CT:1
190
6
0.65
12
0.25
78613/2JC
1CT:1
490
10
1.07
20
0.36
78613/8JC
1CT:1
980
15
1.13
35
0.48
78613/1JC
1CT:1
2000
20
1.70
47
0.63
78613/16JC
1CT:1
3200
28
2.80
64
0.88
78613/9JC
1CT:1
10000
56
3.83
72
1.33
78615/4JC
1CT:1CT
65
4
1.21
3
0.17
1000
4
78615/3JC
1CT:1CT
190
6
3.64
5
0.24
78615/2JC
1CT:1CT
500
10
6.86
7
0.34
78615/8JC
1CT:1CT
1000
15
11.9
10
0.45
78615/1JC
1CT:1CT
1700
20
16.0
16
0.60
78615/16JC
1CT:1CT
3700
28
37.7
20
0.92
78615/9JC
1CT:1CT
10000
56
52.5
19
1.45
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
786XX/XJC
6 Pin SM
Tube
50
786XX/XJC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-60°C to 125°C
SOLDERING INFORMATION1
Pin finish
Matte tin
Max. peak reflow temperature
245°C
Moisture sensitivity level2
1
Max. time above liquidous (217
°C)
100s
All specifications typical at T
A
=25°C
1 For further information, please visit www.murata-ps.com/rohs
2 Representative samples of the product were subjected to the conditioning described in IPC/JEDEC J-STD-020D and passed electrical
testing, package coplanarity and visual inspection which revealed no external cracks or changes in package body flatness.


Số phần tương tự - 78613/16JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
78613/16C MURATA-78613/16C Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
Murata Power Solutions ...
78613/16C MURATA-PS-78613/16C Datasheet
110Kb / 4P
General Purpose Pulse Transformers
78613/16C MURATA-PS-78613/16C Datasheet
162Kb / 7P
General Purpose Pulse Transformers
2021
78613/16MC MURATA-PS-78613/16MC Datasheet
162Kb / 7P
General Purpose Pulse Transformers
2021
More results

Mô tả tương tự - 78613/16JC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TALEMA Group. LLC
TDJ-30-16A TALEMA-TDJ-30-16A Datasheet
54Kb / 1P
General Purpose Transformers
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com