công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

78613/2C bảng dữ liệu(PDF) 1 Page - Murata Power Solutions Inc.

tên linh kiện 78613/2C
Giải thích chi tiết về linh kiện  General Purpose Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78613/2C bảng dữ liệu(HTML) 1 Page - Murata Power Solutions Inc.

  78613/2C Datasheet HTML 1Page - Murata Power Solutions Inc. 78613/2C Datasheet HTML 2Page - Murata Power Solutions Inc. 78613/2C Datasheet HTML 3Page - Murata Power Solutions Inc. 78613/2C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KMP_786C_B08 Page 1 of 4
786 Series
General Purpose Pulse Transformers
www.murata-ps.com
www.murata-ps.com/support
 
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
4 Configurations
Primary inductance to 10mH
1kVrms isolation
Industry standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
DESCRIPTION
The 786 series is a comprehensive range of
general purpose pulse transformers. Common
applications include line coupling, matching or
isolating. The devices can also be used in small
isolated power supplies and also as common-
mode chokes in filtering applications.
Surface-mount parts
The surface-mount (M suffix) products are not
recommended for new designs. For existing designs,
however, Murata Power Solutions will continue to
manufacture and fully support these parts.
For recommended alternatives please refer to the
786J Series datasheet.
SELECTION GUIDE
Order Code
Turns
Ratio
μH
Vμs
μH
pF
Ω
Vrms
78601/4C
1:1
67
4
0.19
8
0.17
1000
1
78601/3C
1:1
200
6
0.20
14
0.25
78601/2C
1:1
500
10
0.25
22
0.34
78601/8C
1:1
1000
15
0.29
35
0.45
78601/1C
1:1
2000
20
0.47
49
0.60
78601/16C
1:1
4000
28
0.47
78
0.84
78601/9C
1:1
10000
56
0.86
121
1.30
78602/4C
1:1:1
67
4
0.11
12
0.18
1000
2
78602/3C
1:1:1
200
6
0.17
19
0.24
78602/2C
1:1:1
500
10
0.27
32
0.34
78602/8C
1:1:1
1000
15
0.35
47
0.46
78602/1C
1:1:1
2000
20
0.60
72
0.66
78602/16C
1:1:1
4000
28
0.71
116
0.92
78602/9C
1:1:1
10000
56
0.71
167
1.34
78604/4C
2:1
67
4
0.41
4
0.18
1000
1
78604/3C
2:1
200
6
0.49
9
0.25
78604/2C
2:1
500
10
0.65
13
0.34
78604/8C
2:1
1000
15
0.76
20
0.46
78604/1C
2:1
2000
20
0.99
29
0.60
78604/16C
2:1
4000
28
1.61
50
0.85
78604/9C
2:1
10000
56
1.64
72
1.23
78613/4C
1CT:1
67
4
0.30
7
0.20
1000
3
78613/3C
1CT:1
200
6
0.65
12
0.25
78613/2C
1CT:1
500
10
1.07
20
0.36
78613/8C
1CT:1
1000
15
1.13
35
0.48
78613/1C
1CT:1
2000
20
1.53
47
0.63
78613/16C
1CT:1
4000
28
1.98
64
0.88
78613/9C
1CT:1
10000
56
3.83
72
1.33
78615/4C
1CT:1CT
67
4
1.21
3
0.17
1000
4
78615/3C
1CT:1CT
200
6
3.64
5
0.24
78615/2C
1CT:1CT
500
10
6.86
7
0.34
78615/8C
1CT:1CT
1000
15
11.9
10
0.45
78615/1C
1CT:1CT
2000
20
16.0
16
0.60
78615/16C
1CT:1CT
4000
28
37.7
20
0.87
78615/9C
1CT:1CT
10000
56
44.5
19
1.33
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
786XX/XC
6 Pin DIL
Tube
50
786XX/XMC
6 Pin SM
Tube
50
786XX/XMC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-60°C to 125°C
SOLDERING INFORMATION1
Pin finish
Matte tin
Peak wave solder temperature
300°C for 10 seconds
Peak reflow temperature2
220°C
All specifications typical at T
A
=25°C
1 For further information, please visit www.murata-ps.com/rohs
2 For higher temperature reflow variants see 786J series datasheet


Số phần tương tự - 78613/2C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
78613/2C MURATA-78613/2C Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
Murata Power Solutions ...
78613/2C MURATA-PS-78613/2C Datasheet
162Kb / 7P
General Purpose Pulse Transformers
2021
More results

Mô tả tương tự - 78613/2C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TALEMA Group. LLC
TDJ-30-16A TALEMA-TDJ-30-16A Datasheet
54Kb / 1P
General Purpose Transformers
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Murata Power Solutions ...
786J MURATA-PS-786J Datasheet
121Kb / 4P
Surface Mount General Purpose Pulse Transformers
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com