| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301273U6R3JS2 bảng dữ liệu(PDF) 4 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
301273U6R3JS2 bảng dữ liệu(HTML) 4 Page - Cornell Dubilier Electronics |
|
4 / 12 page ![]() Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial High Capacitance and Ultra-Low ESR Ratings Cap. Catalog (µF) Part Number ESR MAX Ripple MAX @ 25°C @ 85ºC 120 Hz 20 kHz 120 Hz 20 kHz (mΏ) (A) Nom Size Insulated D x L (in) Cap. Catalog (µF) Part Number ESR MAX Ripple MAX @ 25°C @ 85ºC 120 Hz 20 kHz 120 Hz 20 kHz (mΏ) (A) Nom Size Insulated D x L (in) 6.3 Vdc (9 Vdc Surge) 22000 301223U6R3JP2 22000 301R223U6R3JP2 27000 301273U6R3HT2 23.0 15.6 7.66 8.75 14.7 8.4 9.59 12.00 19.4 11.9 9.04 10.90 1.02 x 2.65 1.02 x 2.65 .895 x 3.65 680 301681U6R3EM2 1000 301102U6R3FK2 1200 301122U6R3ER2 231.0 150.0 1.16 1.44 160.0 90.0 1.54 2.05 134.0 70.0 1.78 2.46 .51 x 1.10 .65 x 1.04 .51 x 1.73 27000 301R273U6R3HT2 27000 301273U6R3JS2 27000 301R273U6R3JS2 13.6 7.9 10.80 13.40 19.2 13.0 9.11 10.40 15.1 8.6 10.30 12.80 .895 x 3.65 1.02 x 3.15 1.02 x 3.15 1500 301R152M6R3EG2 1500 301152U6R3FN2 2200 301R222M6R3EM2 201.0 71.0 1.09 1.84 105.0 50.0 2.00 2.90 110.0 60.0 1.20 1.63 .51 x .85 .65 x 1.32 .51 x 1.10 33000 301333U6R3JT2 33000 301R333U6R3JT2 16.7 11.4 10.50 12.00 10.4 5.9 13.30 16.60 1.02 x 3.65 1.02 x 3.65 2700 301272U6R3GE2 2700 301R272U6R3GE2 3300 301R332M6R3EN2 143.0 81.5 1.71 2.13 124.0 70.6 1.84 2.29 93.0 57.0 1.78 2.28 .77 x 1.15 .77 x 1.15 .51 x 1.38 7.5 Vdc (10 Vdc Surge) 2200 301222U7R5GE2 2200 301R222U7R5GE2 3900 301392U7R5HE2 147.0 80.8 1.69 2.14 127.0 70.0 1.81 2.30 103.0 61.6 2.21 2.69 .77 x 1.15 .77 x 1.15 .895 x 1.15 3300 301332U6R3LV2 3900 301R392M6R3FK2 3900 301392U6R3HE2 76.0 45.0 2.61 3.39 111.0 41.0 1.84 3.03 100.0 61.1 2.24 2.71 .73 x 1.63 .65 x 1.04 .895 x 1.15 3900 301R392U7R5HE2 4700 301472U7R5GJ2 4700 301R472U7R5GJ2 88.9 48.9 2.38 3.02 74.5 41.0 2.61 3.32 64.5 35.5 2.80 3.56 .895 x 1.15 .77 x 1.65 .77 x 1.65 3900 301R392U6R3HE2 4700 301R472M6R3ER2 4700 301472U6R3GJ2 86.8 50.3 2.41 2.98 68.0 31.0 2.52 3.73 72.5 41.3 2.65 3.30 .895 x 1.15 .51 x 1.73 .77 x 1.65 5600 301562U7R5JE2 5600 301R562U7R5JE2 6800 301682U7R5GL2 85.5 56.5 2.53 2.94 74.1 41.5 2.72 3.42 50.6 27.8 3.97 5.05 1.02 x 1.15 1.02 x 1.15 .77 x 2.15 4700 301R472U6R3GJ2 5600 301R562M6R3FF2 5600 301562U6R3JE2 62.8 35.8 2.84 3.55 78.0 37.0 2.43 3.53 83.8 57.0 2.56 2.92 .77 x 1.65 .65 x 1.32 1.02 x 1.15 6800 301R682U7R5GL2 6800 301682U7R5HJ2 6800 301R682U7R5HJ2 43.8 24.1 4.26 5.42 52.4 31.4 3.67 4.46 45.4 25.0 3.94 5.01 .77 x 2.15 .895 x 1.65 .895 x 1.65 5600 301R562U6R3JE2 6800 301R682M6R3FQ2 8200 301R822M6R3FV2 72.7 41.4 2.75 3.43 71.0 34.0 2.53 3.65 59.0 31.0 3.03 4.18 1.02 x 1.15 .65 x 1.48 .65 x 1.65 8200 301822U7R5GP2 8200 301R822U7R5GP2 10000 301103U7R5HL2 38.7 21.3 5.05 6.42 33.6 18.5 5.43 6.90 35.8 21.5 5.14 6.25 .77 x 2.65 .77 x 2.65 .895 x 2.15 8200 301R822M6R3LQ2 8200 301822U6R3GL2 8200 301R822U6R3GL2 67.0 29.0 2.97 4.51 49.2 28.1 4.02 5.02 42.7 24.3 4.32 5.40 .73 x 1.48 .77 x 2.15 .77 x 2.15 10000 301R103U7R5HL2 10000 301103U7R5JJ2 10000 301R103U7R5JJ2 26.2 14.4 6.01 7.64 43.8 28.9 4.35 5.05 38.0 21.3 4.67 5.89 .895 x 2.15 1.02 x 1.65 1.02 x 1.65 8200 301822U6R3HJ2 8200 301R822U6R3HJ2 10000 301R103M6R3LV2 51.1 31.2 3.71 4.48 44.3 25.7 3.99 4.93 54.0 24.0 3.47 5.21 .895 x 1.65 .895 x 1.65 .73 x 1.63 12000 301123U7R5GS2 12000 301R123U7R5GS2 12000 301123U7R5GT2 31.8 17.5 6.09 7.74 27.5 15.1 6.54 8.31 27.2 15.0 7.01 8.91 .77 x 3.15 .77 x 3.15 .77 x 3.65 10000 301103U6R3GP2 10000 301R103U6R3GP2 12000 301123U6R3GS2 37.8 21.5 5.12 6.39 32.7 18.7 5.50 6.86 31.0 17.7 6.17 7.70 .77 x 2.65 .77 x 2.65 .77 x 3.15 12000 301R123U7R5GT2 15000 301153U7R5HP2 15000 301R153U7R5HP2 23.6 13.0 7.53 9.57 27.7 16.6 6.50 7.91 20.0 11.0 7.65 9.73 .77 x 3.65 .895 x 2.65 .895 x 2.65 12000 301R123U6R3GS2 12000 301123U6R3HL2 12000 301R123U6R3HL2 26.8 15.3 6.62 8.27 35.0 21.3 5.20 6.27 25.5 14.8 6.09 7.54 .77 x 3.15 .895 x 2.15 .895 x 2.15 15000 301153U7R5JL2 15000 301R153U7R5JL2 18000 301183U7R5HS2 30.1 19.9 6.02 6.99 19.6 10.9 7.47 9.41 22.9 13.8 7.79 9.48 1.02 x 2.15 1.02 x 2.15 .895 x 3.15 12000 301123U6R3JJ2 12000 301R123U6R3JJ2 15000 301153U6R3GT2 43.0 29.2 4.39 5.02 37.2 21.2 4.72 5.89 26.6 15.1 7.10 8.86 1.02 x 1.65 1.02 x 1.65 .77 x 3.65 18000 301R183U7R5HS2 22000 301223U7R5HT2 22000 301R223U7R5HT2 16.3 9.0 9.23 11.70 19.8 11.9 8.95 10.90 13.9 7.7 10.70 13.60 .895 x 3.15 .895 x 3.65 .895 x 3.65 15000 301R153U6R3GT2 15000 301153U6R3HP2 15000 301R153U6R3HP2 23.0 13.1 7.62 9.52 27.1 16.5 6.57 7.93 19.5 11.3 7.75 9.60 .77 x 3.65 .895 x 2.65 .895 x 2.65 22000 301223U7R5JP2 22000 301R223U7R5JP2 27000 301273U7R5JS2 23.4 15.5 7.59 8.80 15.0 8.4 9.47 11.90 19.5 12.9 9.03 10.50 1.02 x 2.65 1.02 x 2.65 1.02 x 3.15 18000 301183U6R3JL2 18000 301R183U6R3JL2 22000 301223U6R3HS2 29.6 20.1 6.08 6.95 19.1 10.9 7.57 9.45 22.4 13.7 7.88 9.51 1.02 x 2.15 1.02 x 2.15 .895 x 3.15 27000 301R273U7R5JS2 33000 301333U7R5JT2 15.5 8.7 10.10 12.80 17.0 11.2 10.40 12.10 1.02 x 3.15 1.02 x 3.65 22000 301R223U6R3HS2 15.9 9.2 9.35 11.60 .895 x 3.15 CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 |