công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

330R273U6R3JS2 bảng dữ liệu(PDF) 1 Page - Cornell Dubilier Electronics

tên linh kiện 330R273U6R3JS2
Giải thích chi tiết về linh kiện  High Ripple and Ultra-Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CDE [Cornell Dubilier Electronics]
Trang chủ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

330R273U6R3JS2 bảng dữ liệu(HTML) 1 Page - Cornell Dubilier Electronics

  330R273U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 330R273U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
High Ripple and Ultra-Long Life
TheType 330 is the ultra-long-life version of theType 300 capacitor.
With an astonishing, 50,000-hour
expected life operating
continuously at full load and 65 ºC the 330 is the choice for power
supply outputs and UPS battery stifening. The exceptionally low
ESRs enable high ripple-current capability. With series inductance
of 12 to 16 nH and ripple currents to 16 amps one of these
capacitors can save by replacing three or four of the 12.5 mm
diameter capacitors routinely at the output of switching power
supplies. Type 330 R delivers even lower ESR and higher ripple.
Type 330 has three leads for rugged, reverse-proof mounting. Two
leads are available as Types 331 and 331R.
Highlights
• Expected Life > 20 years @ 45 °C
• Ripple Current to 16 amps
• ESRs to 6
mΩ
• > 90% capacitance at –40 °C
• Replaces multiple capacitors
RoHS Compliant
Specifcations
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
–55 °C to +105 °C
6.3 to 250 Vdc
270 µF to 33,000 µF
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 + 50%
≤ 0.5 √CV µA, 4 mA max, 5 min.
–55 °C multiple of 25 °C Z ≤ 4 for 6.3 & 7.5 V, 3 for 10 to 50 V,
2 for > 50 V
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
.77” Diameter
6.3 & 7.5 V
10 to 40 V
50V
63 & 75 V
100 to 250 V
0.82
0.78
0.76
0.74
0.76
0.86
0.83
0.81
0.80
0.81
1.00
1.00
1.00
1.00
1.00
1.15
1.20
1.25
1.28
1.24
1.21
1.24
1.30
1.35
1.38
1.45
1.43
1.52
1.37
1.44
1.25
1.36
1.47
1.54
1.46
.895” Diameter
6.3 & 7.5 V
10 to 40 V
50V
63 & 75 V
100 to 250 V
0.82
0.80
0.75
0.75
0.76
0.86
0.84
0.80
0.80
0.81
1.00
1.00
1.00
1.00
1.00
1.14
1.17
1.27
1.26
1.25
1.20
1.23
1.25
1.29
1.42
1.50
1.40
1.48
1.38
1.46
1.24
1.30
1.52
1.50
1.48
1.02” Diameter
6.3 & 7.5 V
10 to 40 V
50V
63 & 75 V
100 to 250 V
0.84
0.81
0.76
0.77
0.76
0.88
0.86
0.81
0.81
0.81
1.00
1.00
1.00
1.00
1.00
1.12
1.15
1.23
1.23
1.24
1.17
1.19
1.22
1.25
1.35
1.42
1.35
1.42
1.37
1.44
1.20
1.26
1.44
1.44
1.46
Load Life:
10,000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
500 h at 105 °C, capacitance, ESR and DCL, initial requirements


Số phần tương tự - 330R273U6R3JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
330R273U6R3JS2 ETC2-330R273U6R3JS2 Datasheet
365Kb / 5P
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
330R273U6R3JS2 CDE-330R273U6R3JS2 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results

Mô tả tương tự - 330R273U6R3JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
520C CDE-520C Datasheet
357Kb / 7P
Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
Ultra-Ripple, Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
Long life, High ripple, 135?
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
Ultra-Ripple, Long Life Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com