công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL68137IRAZ bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện ISL68137IRAZ
Giải thích chi tiết về linh kiện  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  ISL68137IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 3 of 54
Jun 26, 2017
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL68137IRAZ
ISL68137 IRZ
-40 to +85
48 Ld 6x6 QFN
L48.6x6B
NOTES:
1. Add “-T” suffix for 4k unit or “-T7A” suffix for 250 unit tape and reel options. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the product information page for ISL68137. For more information on MSL, see TB363.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
PHASE CONFIGURATION
OUTPUT X/OUTPUT Y
SPECIFICATION SUPPORTED
PACKAGE
ISL68137
X+Y ≤ 7
PMBus/AVSBus
QFN 48 Ld, 6x6mm
ISL68134
X+Y ≤ 4
PMBus/AVSBus
TQFN 40 Ld, 5x5mm
ISL68127
X+Y ≤ 7
PMBus
QFN 48 Ld, 6x6mm
ISL68124
X+Y ≤ 4
PMBus
TQFN 40 Ld, 5x5mm
Pin Configuration
ISL68137
(48 LD QFN)
TOP VIEW
12
1
2
3
4
5
6
7
8
9
10
36
35
34
33
32
31
13
14
15
16
17
18
19
20
40
39
38
37
CSRTN1
CS2
CSRTN2
CS3
CS4
CSRTN4
PWM3
PWM2
GND
11
21
22
23
24
CS5
PWM1
PWM0
AVS_MDA
CSRTN5
AVS_CLK
PWM4
AVS_SDA
CSRTN3
CS1
PWM5
30
29
28
27
26
25
41
42
43
44
45
46
47
48
AVS_VDDIO
DNC
CS6
CSRTN6
PWM6
(EPAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com