| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASG304 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ASG304 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() 2/8 www.ASB.co.kr June 2003 a Function Pin No. Input 1 Ground 2 Output 3 (Unit: mm) ASG304 Outline Drawing Pin Description (Unit: mm) 1 2 3 2 Mounting Configuration Note: 1. The number and size of ground via holes in a circuit board is critical for thermal and RF grounding considerations. 2. We recommend that the ground via holes be placed on the bottom of lead pin 2 for better RF and thermal performance, as shown in the drawing at the left side. Land Pattern |