| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT83SL314IB bảng dữ liệu(PDF) 35 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL314IB bảng dữ liệu(HTML) 35 Page - Exar Corporation |
|
35 / 85 page ![]() XRT83SL314 14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT PRELIMINARY REV. P1.0.5 30 3.5.4 QRSS Generation The XRT83SL314 can transmit a QRSS random sequence to a remote location from TTIP/TRING. The polynomial is shown in Table 11. 3.6 Transmit Pulse Shaper and Filter If TCLK is not present, pulled "Low", or pulled "High" the transmitter outputs at TTIP/TRING will automatically send an all ones or an all zero signal to the line by programming the appropriate global register. By default, the transmitters will send all zeros. To send all ones, the TCLKCNL bit must be set "High". TABLE 11: RANDOM BIT SEQUENCE POLYNOMIALS RANDOM PATTERN T1 E1 QRSS 220 - 1 215 - 1 |