công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6521 bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp

tên linh kiện ISL6521
Giải thích chi tiết về linh kiện  PWM Buck DC-DC and Triple Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6521 bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp

Back Button ISL6521 Datasheet HTML 6Page - Renesas Technology Corp ISL6521 Datasheet HTML 7Page - Renesas Technology Corp ISL6521 Datasheet HTML 8Page - Renesas Technology Corp ISL6521 Datasheet HTML 9Page - Renesas Technology Corp ISL6521 Datasheet HTML 10Page - Renesas Technology Corp ISL6521 Datasheet HTML 11Page - Renesas Technology Corp ISL6521 Datasheet HTML 12Page - Renesas Technology Corp ISL6521 Datasheet HTML 13Page - Renesas Technology Corp ISL6521 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ISL6521
FN9148 Rev 2.00
Page 12 of 14
Feb 8, 2005
Select a package and heatsink that maintains the junction
temperature below the rating with a the maximum expected
ambient temperature.
If bipolar NPN transistors have to be used with the linear
controllers, insure the current gain at the given operating VCE
is sufficiently large to provide the desired maximum output load
current when the base is fed with the minimum driver output
current.
ISL6521 DC-DC Converter Application
Circuit
Figure 9 shows a power management application circuit for
powering an embedded processor. The circuit provides the
processor core voltage (VCORE), the I/O voltage (VI/O), the
clock voltage (VCLOCK), and memory voltage (VMEMORY)
from a single +5V supply. A component selection table
provides the recommended component values at various load
current steps.
Intersil’s portfolio of multiple output controllers continues to
expand with new selections to better fit our customer’s needs.
Refer to our website for updated information: www.intersil.com
FIGURE 9. POWER SUPPLY APPLICATION CIRCUIT FOR AN EMBEDDED PROCESSOR
GND
VCC
VCORE
PGND
LGATE
UGATE
OCSET
PHASE
Q1
Q2
FB
COMP
1.5V
DRIVE2
Q3
FB2
DRIVE3
FB3
FB4
3.3V
C9
C8
C1
C4
LOUT
ISL6521
VI/O
VCLOCK
2.5V
+5V
DRIVE4
C3
BOOT
R1
R6
R8
R3
R7
R9
+
+
+
R2
C5
C6
R5
C7
D1
C2
10
F
1
F
0.1
F
2.26k
2.0k
5.9k
18.2k
5.9k
12.7k
C10
C11
10
F
C12
10
F
100
F
0.47
F
MA732
R12
C14
C14
Q4
VMEMORY
+
+5V
R11
R10
+
C13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com