| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LRTB-GFUG bảng dữ liệu(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LRTB-GFUG bảng dữ liệu(HTML) 23 Page - OSRAM GmbH |
|
23 / 28 page ![]() LRTB GFUG 2017-11-14 23 Trockenverpackung und Materialien Dry Packing Process and Materials Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und einer Feuchteindikatorkarte Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten. Note: Moisture-senisitve product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC. Kartonverpackung und Materialien Transportation Packing and Materials Dimensions of transportation box in mm (inch) Breite / Width Länge / length Höhe / height 200 ±5 (7,874 ±0,1968±) 200 ±5 (7,874 ±0,1968) 30 ±5 (1,1811 ±0,1968) 352 ±5 (13,858 ±0,1968±) 352 ±5 (13,858 ±0,1968) 33 ±5 (1,3 ±0,1968) OHA00539 OS RAM Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re Le v e l 3 F lo o r tim e 1 6 8 H o u rs M o is tu re L e v e l 6 F lo or ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚C ± 5 ˚C , o r re fl o w , v a p o r- ph a s e re fl ow , o r e q u iv a le n t p ro ce s s in g (p e a k p a c k a g e 2 . A ft er th is b a g is o p e n e d , d e vi c e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf lif e i n s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚C a n d < 90 % re la ti v e h u mi di ty (R H). Mo is tu re L e ve l 5 a a t fa c to ry c o n d it ion s o f (i f b la nk , s e a l d a te is id e n ti ca l wi th d a te co d e ). a ) M o u n te d wi th in b ) S to re d a t b o dy te m p . 3 . D e v ic e s re qu ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e ve l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a or 2 b is n o t m e t. D a te a n d ti me o p e n e d : re fe re n c e IP C /J E D E C J -S T D -0 33 fo r b a k e p ro c e d u re . F lo o r ti m e s e e b e lo w If b la n k, se e b a r c o d e la b e l F lo o r tim e > 1 Ye a r F lo or tim e 1 Y e a r F lo o r tim e 4 W e e k s 1 0 % R H . _ < M o is tu re L ev el 4 M o is tu re L e v e l 5 ˚C ). OP T O S EM IC O N D U CT O R S MOI S T U RE S E N S IT IV E T hi s b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r tim e 4 8 H o u rs Fl o o r ti m e 2 4 H o u rs 3 0 ˚ C /6 0 % R H . _ < L E V E L If b la n k , s e e b a r c o d e la b e l OHA02044 1 0 1 1 210 021 998 0 2 45 1 0 1 1 210 021 998 0 2 45 Packing Sealing label Barcode label M o is tu re L ev e l 3 Fl o o r tim e 16 8 H o u rs Mo is tu re L e ve l 6 F loo r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r C a rd is > 1 0 % w h en re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph as e ref lo w , o r e q u iv a le nt pr o ce s s in g (p e a k p a c k a g e 2 . A ft e r thi s ba g is o p e n e d , d e v ice s t h a t w ill b e su b je c te d to inf ra re d 1 . S h e lf lif e i n s e a le d b a g : 2 4 m on th s a t < 4 0 ˚C a n d < 9 0 % rel a ti v e h u mi d it y (R H) . M o is tu re L e v e l 5 a a t f a c to ry c o n d iti o n s o f (i f b la n k , s e a l d a te i s ide n ti c a l w it h d a te co d e) . a ) M o u n ted w ith in b ) S to re d a t b o dy te m p . 3 . D ev ice s re q u ir e b a k in g , b ef o re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e ve l 1 Mo is tu re L e ve l 2 M o is tu re L e ve l 2 a 4 . If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D a te a nd ti m e op e n ed: ref e ren c e IP C /J ED EC J -S TD -0 33 fo r b a k e pr o c e d u re . F lo o r ti m e s e e b e lo w If b la n k , s e e ba r co d e la b e l F loo r tim e > 1 Y e a r F lo o r tim e 1 Ye a r F lo or tim e 4 W e e k s 1 0 % R H . _ < M oi s tu re Le v e l 4 Mo is tu re L e v e l 5 ˚C ). OP TO S E M ICO N D U CT OR S MO IS TUR E S EN S ITI V E T h is ba g co nta in s CA U T IO N F loo r t im e 72 H o u rs F lo o r ti me 4 8 H o u rs F lo or t ime 2 4 H o u rs 3 0 ˚C /6 0 % RH . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |