công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP6311ACBZ bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện HIP6311ACBZ
Giải thích chi tiết về linh kiện  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6311ACBZ bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button HIP6311ACBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HIP6311A
FN9035 Rev 1.00
Page 9 of 16
July 2004
rise to the three state level in PWM 1 output during first 32
PWM cycles.
Figure 4 shows the waveforms when the regulator is operating
at 200kHz. Note that the Soft-Start duration is a function of the
Channel Frequency as explained previously. Also note the
pulses on the COMP terminal. These pulses are the current
correction signal feeding into the comparator input (see the
Block Diagram
on page 2.)
Figure 5 shows the regulator operating from an ATX supply. In
this figure, note the slight rise in PGOOD as the 5V supply
rises.The PGOOD output stage is made up of NMOS and
PMOS transistors. On the rising VCC, the PMOS device
becomes active slightly before the NMOS transistor pulls
“down”, generating the slight rise in the PGOOD voltage.
Note that Figure 5 shows the 12V gate driver voltage available
before the 5V supply to the HIP6311A has reached its threshold
level. If conditions were reversed and the 5V supply was to rise
first, the start-up sequence would be different. In this case the
HIP6311A will sense an over-current condition due to charging
the output capacitors. The supply will then restart and go
through the normal Soft-Start cycle.
Fault Protection
The HIP6311A protects the microprocessor and the entire
power system from damaging stress levels. Within the
HIP6311A both Over-Voltage and Over-Current circuits are
incorporated to protect the load and regulator.
Over-Voltage
The VSEN pin is connected to the microprocessor CORE
voltage. A CORE over-voltage condition is detected when the
VSEN pin goes more than 15% above the programmed VID
level.
The over-voltage condition is latched, disabling normal PWM
operation, and causing PGOOD to go low. The latch can only
be reset by lowering and returning VCC high to initiate a POR
and Soft-Start sequence.
During a latched over-voltage, the PWM outputs will be driven
either low or three state, depending upon the VSEN input.
PWM outputs are driven low when the VSEN pin detects that
the CORE voltage is 15% above the programmed VID level.
This condition drives the PWM outputs low, resulting in the
lower or synchronous rectifier MOSFETS to conduct and shunt
the CORE voltage to ground to protect the load.
If after this event, the CORE voltage falls below the over-
voltage limit (plus some hysteresis), the PWM outputs will
three state. The HIP6601 family drivers pass the three state
information along, and shuts off both upper and lower
MOSFETs. This prevents “dumping” of the output capacitors
back through the lower MOSFETs, avoiding a possibly
PWM 1
PGOOD
VCORE
5V
OUTPUT
VCC
VIN = 12V
DELAY TIME
FIGURE 3. START-UP OF 4 PHASE SYSTEM OPERATING AT
500kHz
PGOOD
VCORE
5V
V COMP
VCC
VIN = 12V
DELAY TIME
FIGURE 4. START-UP OF 4 PHASE SYSTEM OPERATING AT
200kHz
12V ATX
SUPPLY
PGOOD
5 V ATX
VCORE
SUPPLY
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
VIN = 5V, CORE LOAD CURRENT = 31A
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
FREQUENCY 200kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com