công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZX75LP-288 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện ZX75LP-288
Giải thích chi tiết về linh kiện  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-288 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  ZX75LP-288 Datasheet HTML 1Page - Mini-Circuits ZX75LP-288 Datasheet HTML 2Page - Mini-Circuits ZX75LP-288 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-288+
Applications
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-288+
EDR10361U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 288 MHz
ZX75LP-288+
INSERTION LOSS (Full band)
0
10
20
30
40
50
60
70
80
0
500
1000
1500
2000
FREQUENCY (MHz)
0.0
0.5
1.0
0
96
192
288
ZX75LP-288+
VSWR
1
10
100
1000
0
500
1000
1500
2000
FREQUENCY (MHz)
1.0
1.2
1.4
0
96
192
288
ZX75LP-288+
INSERTION LOSS (Passband)
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
600
FREQUENCY (MHz)
ZX75LP-288+
GROUP DELAY
2
3
4
5
6
0
96
192
288
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-288
—
1.1
2.0
dB
Freq. Cut-Off
F2
312
—
3.0
—
dB
VSWR
DC-F1
DC-288
—
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
400-1500
20
30
—
dB
VSWR
F3-F4
400-1500
—
32
—
:1
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.05
1.01
1
2.14
20
0.10
1.02
8
2.36
74
0.20
1.09
22
2.31
168
0.40
1.20
40
2.30
272
0.80
1.04
60
2.34
278
0.88
1.05
82
2.37
288
1.09
1.23
100
2.41
298
1.57
1.65
124
2.51
308
2.66
2.53
146
2.63
312
3.33
3.11
166
2.74
320
5.11
4.80
184
2.90
340
11.26
13.29
194
3.02
380
24.68
37.77
206
3.14
400
31.23
49.64
224
3.43
450
47.55
78.97
238
3.66
500
65.66
108.58
248
3.91
550
74.39
133.63
258
4.21
1000
71.19
78.97
268
4.57
1250
64.69
48.26
278
5.10
1500
73.36
33.42
288
5.82
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-288-S+



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com