công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZX75LP-216 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện ZX75LP-216
Giải thích chi tiết về linh kiện  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-216 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  ZX75LP-216 Datasheet HTML 1Page - Mini-Circuits ZX75LP-216 Datasheet HTML 2Page - Mini-Circuits ZX75LP-216 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-216+
Applications
• Baseband
• TV / Broadcasting
• FM Transmitters / Receivers
• Satellite systems
• Test equipment
• ADC / DAC circuitry
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-216+
EDR10357U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 216 MHz
ZX75LP-216+
INSERTION LOSS (Full band)
0
20
40
60
80
100
0
500
1000
1500
FREQUENCY (MHz)
0.0
0.7
1.4
0
110
220
ZX75LP-216+
VSWR
1
10
100
0
500
1000
1500
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
0
110
220
ZX75LP-216+
INSERTION LOSS (Passband)
0
20
40
60
80
0
100
200
300
400
FREQUENCY (MHz)
ZX75LP-216+
GROUP DELAY
3
4
5
6
7
8
9
0
55
110
165
220
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-216
—
1.2
2.0
dB
Freq. Cut-Off
F2
232
—
3.0
—
dB
VSWR
DC-F1
DC-216
—
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
300-1400
20
32
—
dB
VSWR
F3-F4
300-1400
—
35
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
Low Pass Filter
CASE STYLE: KE1467
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.08
1.02
1
3.22
35
0.17
1.03
5
3.21
90
0.31
1.10
25
3.17
180
0.65
1.03
50
3.22
200
0.85
1.06
75
3.33
216
1.23
1.26
100
3.51
232
3.28
2.93
110
3.60
245
7.77
7.63
120
3.71
260
14.59
17.22
130
3.83
280
23.75
28.96
140
4.02
290
28.17
33.42
150
4.20
300
32.56
36.97
160
4.45
325
43.77
44.55
170
4.75
350
56.47
51.10
180
5.12
400
72.53
59.91
190
5.59
500
86.64
75.53
200
6.27
750
85.96
96.51
205
6.71
1000
73.97
91.43
210
7.29
1200
72.74
82.73
214
7.85
1400
58.13
69.49
216
8.14
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors Model
SMA-M\F
ZX75LP-216-S+



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com