| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC58FVT641-70 bảng dữ liệu(PDF) 17 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVT641-70 bảng dữ liệu(HTML) 17 Page - Toshiba Semiconductor |
|
17 / 53 page ![]() TC58FVT641/B641FT/XB-70,-10 2002-10-24 17/53 DQ6 (Toggle bit 1) The device status can be determined by the Toggle Bit function during an Auto-Program or auto-erase operation. The Toggle bit begins toggling on the rising edge of WE in the last bus cycle. DQ6 alternately outputs a 0 or a 1 for each OE access while CE = VIL while the device is busy. When the internal operation has been completed, toggling stops and valid memory cell data can be read by subsequent reading. If the operation fails, the DQ6 output toggles. If an attempt is made to execute an Auto Program operation on a protected block, DQ6 will toggle for around 3 µs. It will then stop toggling. If an attempt is made to execute an auto erase operation on a protected block, DQ6 will toggle for around 100 µs. It will then stop toggling. After toggling has stopped the device will return to Read Mode. DQ5 (internal time-out) If the internal timer times out during a Program or Erase operation, DQ5 outputs a 1. This indicates that the operation has not been completed within the allotted time. Any attempt to program a 1 into a cell containing a 0 will fail (see Auto-Program Mode). In this case DQ5 outputs a 1. Either a hardware reset or a software Reset command is required to return the device to Read Mode. DQ3 (Block Erase timer) The Block Erase operation starts 50 µs (the Erase Hold Time) after the rising edge of WE in the last command cycle. DQ3 outputs a 0 for the duration of the Block Erase Hold Time and a 1 when the Block Erase operation starts. Additional Block Erase commands can only be accepted during the Block Erase Hold Time. Each Block Erase command input within the hold time resets the timer, allowing additional blocks to be marked for erasing. DQ3 outputs a 1 if the Program or Erase operation fails. DQ2 (Toggle bit 2) DQ2 is used to indicate which blocks have been selected for Auto Block Erase or to indicate whether the device is in Erase Suspend Mode. If data is read continuously from the selected block during an Auto Block Erase, the DQ2 output will toggle. Now 1 will be output from non-selected blocks; thus, the selected block can be ascertained. If data is read continuously from the block selected for Auto Block Erase while the device is in Erase Suspend Mode, the DQ2 output will toggle. Because the DQ6 output is not toggling, it can be determined that the device is in Erase Suspend Mode. If data is read from the address to which data is being written during Erase Suspend in Programming Mode, DQ2 will output a 1. (READY/ ) TC58FVT641/B641 has a BY / RY signal to indicate the device status to the host processor. A 0 (Busy state) indicates that an Auto-Program or auto-erase operation is in progress. A 1 (Ready state) indicates that the operation has finished and that the device can now accept a new command. BY / RY outputs a 0 when an operation has failed. BY / RY outputs a 0 after the rising edge of WE in the last command cycle. During an Auto Block Erase operation, commands other than Erase Suspend are ignored. BY / RY outputs a 1 during an Erase Suspend operation. The output buffer for the BY / RY pin is an open-drain type circuit, allowing a wired-OR connection. A pull-up resistor must be inserted between VDD and the BY / RY pin. BY / RY BUSY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |