công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5142DDVR bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TAS5142DDVR
Giải thích chi tiết về linh kiện  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TAS5142DDVR Datasheet HTML 5Page - Texas Instruments TAS5142DDVR Datasheet HTML 6Page - Texas Instruments TAS5142DDVR Datasheet HTML 7Page - Texas Instruments TAS5142DDVR Datasheet HTML 8Page - Texas Instruments TAS5142DDVR Datasheet HTML 9Page - Texas Instruments TAS5142DDVR Datasheet HTML 10Page - Texas Instruments TAS5142DDVR Datasheet HTML 11Page - Texas Instruments TAS5142DDVR Datasheet HTML 12Page - Texas Instruments TAS5142DDVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
AUDIO SPECIFICATIONS (Single-Ended Output)
AUDIO SPECIFICATIONS (PBTL)
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
PVDD_X = 32 V, GVDD = VDD = 12 V, SE mode, R
L = 4 Ω, audio frequency = 1 kHz, AES17 filter, FPWM = 384 kHz, case
temperature = 75°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5086 PWM processor
with an effective modulation index limit of 96.1%. All performance is in accordance with recommended operating conditions
unless otherwise specified.
TAS5142
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 3 Ω, 10% THD, clipped input
40
signal
RL = 4 Ω, 10% THD, clipped input
30
signal
PO
Power output per channel, DKD package
W
RL = 3 Ω, 0 dBFS, unclipped input
30
signal
RL = 4 Ω, 0 dBFS, unclipped input
20
signal
0 dBFS
0.2%
THD+N
Total harmonic distortion + noise
1 W
0.1%
Vn
Output integrated noise
A-weighted
90
µV
SNR
Signal-to-noise ratio(1)
A-weighted
100
dB
A-weighted, input level = –60 dBFS
DNR
Dynamic range
100
dB
using TAS5508 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 4 channels switching(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
PVDD_X = 32 V, GVDD = VDD = 12 V, PBTL mode, R
L = 3 Ω, audio frequency = 1 kHz, AES17 filter, FPWM = 384 kHz, case
temperature = 75°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5508 PWM processor
with an effective modulation index limit of 96.1%. All performance is in accordance with recommended operating conditions
unless otherwise specified.
TAS5142
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 3 Ω, 10% THD, clipped input
160
signal
RL = 2 Ω, 10% THD, clipped input
200
signal
PO
Power output per channel, DKD package
W
RL = 3 Ω, 0 dBFS, unclipped input
120
signal
RL = 2 Ω, 0 dBFS, unclipped input
150
signal
0 dBFS
0.2%
THD+N
Total harmonic distortion + noise
1 W
0.1%
Vn
Output integrated noise
A-weighted
140
µV
SNR
Signal-to-noise ratio(1)
A-weighted
102
dB
A-weighted, input level = –60 dBFS
102
using TAS5508 modulator
DNR
Dynamic range
dB
A-weighted, input level = –60 dBFS
110
using TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 1 channel switching(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com