công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP6536DU bảng dữ liệu(PDF) 9 Page - Monolithic Power Systems

tên linh kiện MP6536DU
Giải thích chi tiết về linh kiện  26V, 5.5A 3-Channel Half-Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6536DU bảng dữ liệu(HTML) 9 Page - Monolithic Power Systems

Back Button MP6536DU Datasheet HTML 2Page - Monolithic Power Systems MP6536DU Datasheet HTML 3Page - Monolithic Power Systems MP6536DU Datasheet HTML 4Page - Monolithic Power Systems MP6536DU Datasheet HTML 5Page - Monolithic Power Systems MP6536DU Datasheet HTML 6Page - Monolithic Power Systems MP6536DU Datasheet HTML 7Page - Monolithic Power Systems MP6536DU Datasheet HTML 8Page - Monolithic Power Systems MP6536DU Datasheet HTML 9Page - Monolithic Power Systems MP6536DU Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP6536 - 26V, 5.5A 3-CHANNEL POWER HALF-BRIDGE
MP6536 Rev. 1.01
www.MonolithicPower.com
9
5/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP6536 is a 3-channel half-bridge driver
intended to drive a brushless DC motor. The
output is in phase with the input, and the dead
time is optimized for symmetrical performance,
regardless of load conditions.
When SHDN is low, all channels are off. When
STBYB is pulled low, it causes the outputs of all
the channels to go into high impedance. However,
when the voltage across BST1/2/3 and SW1/2/3
drops low significantly, the bottom MOSFET is
turned on to refresh the external bootstrap
capacitor. Connecting a capacitor (
0.1μF or
greater) between BST and SW (as the bootstrap
capacitor) is recommended.
In order to prevent erratic operation, two under-
voltage lockout (UVLO) circuits are used. One
ensures that the supply for the bottom gate drive
circuit is sufficiently high, and the other is for the
top gate driver.
Fault Protection
To protect the power MOSFETs, an internal
current limit of 5.5A is set for all MOSFETs.
When this limit is reached, all MOSFETs of the
over-current bridge channel will go into high
impedance
for
a
fixed
duration
(30µs
approximately) before resuming normal operation.
Thermal monitoring is integrated into the MP6536.
If the die temperature rises above 160ºC, all
switches are turned off. The temperature must
fall
below
125ºC
before
normal
operation
resumes.
To enhance the robustness of the device under a
short-circuit
condition,
a
capacitor
can
be
connected to FAULTB (see Fig. 2). The time
constant of the RC must be greater than 50ms
for the FAULTB node to reach 2V. Under a short-
circuit condition, the FAULTB node re-sets to
zero, and the part is placed in standby mode until
the voltage at STBYB is above 2V.
FIGURE 2. Fault Protection Enhancement Circuit
Fault Output
The MP6536 includes an open drain, active-low
fault indicator output (FAULTB). A fault is
indicated if one of the following conditions is
detected:
1. The current limit is tripped.
2. Thermal shutdown is tripped.
A fault on any channel causes FAULTB to pull
low. Once the fault is removed, the MP6536
resumes normal operation.
Do not apply more than 6V to FAULTB.
Error Reporting
The MP6536 has two fault monitor pins (FLT3B
and FLT2B), which are active low open-drain
outputs. They provide protection-mode signaling
to a PWM controller or another system control
device (see Table 1).
TABLE 1. Fault Output Logic
OCP
OTP
UVP
FLTB2
FLTB3
0
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com