| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6262B bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6262B bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 78 page ![]() 54/78 ST62T52C ST62T62C/E62C INSTRUCTION SET (Cont’d) Arithmetic and Logic. These instructions are used to perform the arithmetic calculations and logic operations. In AND, ADD, CP, SUB instruc- tions one operand is always the accumulator while the other can be either a data space memory con- tent or an immediate value in relation with the ad- dressing mode. In CLR, DEC, INC instructions the operand can be any of the 256 data space ad- dresses. In COM, RLC, SLA the operand is always the accumulator. Table 17. Arithmetic & Logic Instructions Notes: X,Y.Indirect Register Pointers, V & W Short Direct RegistersD. Affected # . Immediate data (stored in ROM memory)* . Not Affected rr. Data space register Instruction Addressing Mode Bytes Cycles Flags ZC ADD A, (X) Indirect 1 4 ∆∆ ADD A, (Y) Indirect 1 4 ∆∆ ADD A, rr Direct 2 4 ∆∆ ADDI A, #N Immediate 2 4 ∆∆ AND A, (X) Indirect 1 4 ∆∆ AND A, (Y) Indirect 1 4 ∆∆ AND A, rr Direct 2 4 ∆∆ ANDI A, #N Immediate 2 4 ∆∆ CLR A Short Direct 2 4 ∆∆ CLR r Direct 3 4 * * COM A Inherent 1 4 ∆∆ CP A, (X) Indirect 1 4 ∆∆ CP A, (Y) Indirect 1 4 ∆∆ CP A, rr Direct 2 4 ∆∆ CPI A, #N Immediate 2 4 ∆∆ DEC X Short Direct 1 4 ∆ * DEC Y Short Direct 1 4 ∆ * DEC V Short Direct 1 4 ∆ * DEC W Short Direct 1 4 ∆ * DEC A Direct 2 4 ∆ * DEC rr Direct 2 4 ∆ * DEC (X) Indirect 1 4 ∆ * DEC (Y) Indirect 1 4 ∆ * INC X Short Direct 1 4 ∆ * INC Y Short Direct 1 4 ∆ * INC V Short Direct 1 4 ∆ * INC W Short Direct 1 4 ∆ * INC A Direct 2 4 ∆ * INC rr Direct 2 4 ∆ * INC (X) Indirect 1 4 ∆ * INC (Y) Indirect 1 4 ∆ * RLC A Inherent 1 4 ∆∆ SLA A Inherent 2 4 ∆∆ SUB A, (X) Indirect 1 4 ∆∆ SUB A, (Y) Indirect 1 4 ∆∆ SUB A, rr Direct 2 4 ∆∆ SUBI A, #N Immediate 2 4 ∆∆ |