| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV8236 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8236 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 97 page ![]() Audio Processor Block STV82x6 24/97 SRS™ creates a fully immersed three-dimensional soundfield through the use of a standard 2-speaker stereo configuration. For monaural audio, the source is first converted into a synthetic stereo signal before creating the 3D effect. The virtual gain for the Surround and Center components can be adjusted by registers LS_SRS_SPACE and LS_SRS_CENTER (respectively) in Stereo mode only. These values are used to adapt spatial effects to the source. For ST WideSurround Sound, Stereo or Mono output mode is automatically selected by the Automatic Standard Recognition System (AUTOSTD) according to the detected audio source. By default, ST WideSurround Sound is selected. SRS™ Surround is selected in register LS_SRD_CTRL. |