công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3301-X0 bảng dữ liệu(PDF) 16 Page - Vicor Corporation

tên linh kiện PI3301-X0
Giải thích chi tiết về linh kiện  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3301-X0 bảng dữ liệu(HTML) 16 Page - Vicor Corporation

Back Button PI3301-X0 Datasheet HTML 12Page - Vicor Corporation PI3301-X0 Datasheet HTML 13Page - Vicor Corporation PI3301-X0 Datasheet HTML 14Page - Vicor Corporation PI3301-X0 Datasheet HTML 15Page - Vicor Corporation PI3301-X0 Datasheet HTML 16Page - Vicor Corporation PI3301-X0 Datasheet HTML 17Page - Vicor Corporation PI3301-X0 Datasheet HTML 18Page - Vicor Corporation PI3301-X0 Datasheet HTML 19Page - Vicor Corporation PI3301-X0 Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 16 of 41
06/2017
PI33xx-x0
PI3301-x0-LGIZ (3.3VOUT) Electrical Characteristics
Unless otherwise specified: -40°C < TJ < 125°C, VIN = 24V, L1 = 200nH [1]
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
[7]
8
24
36
V
Input Current
IIN_DC
VIN = 24V, TC = 25°C, IOUT =10A
1.49
A
Input Current At Output Short
(fault condition duty cycle)
IIN_Short
[2]
20
mA
Input Quiescent Current
IQ_VIN
Disabled
2.0
mA
Enabled (no load)
2.5
mA
Input Voltage Slew Rate
VIN_SR
1
V/μs
Output Specifications
Output Voltage Total Regulation
VOUT_DC
[2]
3.25
3.30
3.36
V
Output Voltage Trim Range
VOUT_DC
[3] [7]
2.3
3.3
4.1
V
Line Regulation
∆VOUT (∆VIN)
@25°C, 8V < VIN < 36V
0.10
%
Load Regulation
∆VOUT (∆IOUT) @25°C, 0.5A < IOUT < 10A
0.10
%
Output Voltage Ripple
VOUT_AC
IOUT = 5A, COUT = 4 x 100μF, 20MHz BW [4]
37.5
mVp-p
Continuous Output
Current Range
IOUT_DC
[5]
10
A
Current Limit
IOUT_CL
12
A
Protection
VIN UVLO Start Threshold
VUVLO_START
7.10
7.60
8.00
V
VIN UVLO Stop Threshold
VUVLO_STOP
6.80
7.25
7.60
V
VIN UVLO Hysteresis
VUVLO_HYS
0.33
V
VIN OVLO Start Threshold
VOVLO_START
36.1
V
VIN OVLO Stop Threshold
VOVLO_STOP
37.0
38.4
V
VIN OVLO Hysteresis
VOVLO_HYS
0.77
V
VIN UVLO/OVLO Response Time
tf
500
ns
Output Overvoltage Protection
VOVP
Above VOUT
20
%
Overtemperature
Fault Threshold
TOTP
130
135
140
°C
Overtemperature
Restart Hysteresis
TOTP_HYS
30
°C
[1] All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI33xx-x0 evaluation board with 3x4”
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[2] Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
[3] Output current capability may be limited and other performance may vary from electrical characteristics when switching frequency or VOUT is modified.
[4] Refer to Output Ripple plots.
[5] Refer to Load Current vs. Ambient Temperature curves.
[6] Refer to Switching Frequency vs. Load current curves.
[7] Minimum 5V between VIN-VOUT must be maintained or a minimum load of 1mA required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com