| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP2617BGL bảng dữ liệu(PDF) 29 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2617BGL bảng dữ liệu(HTML) 29 Page - Monolithic Power Systems |
|
29 / 32 page ![]() MP2617A, MP2617B – SINGLE CELL SWITCHING CHARGER WITH POWER PATH MP2617A, MP2617B Rev. 1.23 www.MonolithicPower.com 29 1/15/2018 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2018 MPS. All Rights Reserved. 3) The PCB should have a ground plane connected directly to the return of all components through vias (two vias per capacitor for power-stage capacitors, one via per capacitor for small-signal components). It is also recommended to put vias inside the PGND pads for the IC, if possible. A star ground design approach is typically used to keep circuit block currents isolated (high-power/low-power small-signal) which reduces noise-coupling and ground-bounce issues. A single ground plane for this design gives good results. With this small layout and a single ground plane, there is no ground-bounce issue, and having the components segregated minimizes coupling between signals. |