| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M56783AFP bảng dữ liệu(PDF) 7 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M56783AFP bảng dữ liệu(HTML) 7 Page - Mitsubishi Electric Semiconductor |
|
7 / 13 page ![]() 3 CHANNEL ACTUATOR DRIVER M56783AFP MITSUBISHI <CONTROL / DRIVER IC> This IC has two MUTE terminal (MUTE1 and MUTE2). It is possible to control ON / OFF of each circuit (CH1, CH2, CH3, etc) by external logic inputs. The table 1 shows its function. In case of both MUTE1 and MUTE2 is LOW or OPEN, the bias of all circuit becomes OFF. MUTE FUNCTION MUTE1 MUTE2 HH HL,OPEN H CH1, CH2 CIRCUIT CH3 CIRCUIT OP1, OP2 CIRCUIT BIAS CIRCUIT TSD CIRCUIT OFF ON ON ON ON ON ON ON ON OFF ON ON ON ON ON OFF OFF OFF OFF OFF Table 1. L,OPEN L,OPEN L,OPEN Therefore, this mode is available in order to reduce the power dissipation when the waiting mode. |