công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6614ACBZ bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện ISL6614ACBZ
Giải thích chi tiết về linh kiện  Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6614ACBZ bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  ISL6614ACBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6614ACBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL6614A
FN9160 Rev.4.00
Page 2 of 12
May 5, 2008
Pinouts
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6614ACB*
6614ACB
0 to +85
14 Ld SOIC
M14.15
ISL6614ACBZ*
(Note)
6614ACBZ
0 to +85
14 Ld SOIC
(Pb-free)
M14.15
ISL6614ACBZA*
(Note)
6614ACBZ
0 to +85
14 Ld SOIC
(Pb-free)
M14.15
ISL6614ACR*
66 14ACR
0 to +85
16 Ld 4x4 QFN L16.4x4
ISL6614ACRZ*
(Note)
66 14ACRZ
0 to +85
16 Ld 4x4 QFN
(Pb-free)
L16.4x4
ISL6614AIB*
6614AIB
-40 to +85 14 Ld SOIC
M14.15
ISL6614AIBZ*
(Note)
6614AIBZ
-40 to +85 14 Ld SOIC
(Pb-free)
M14.15
ISL6614AIR*
66 14AIR
-40 to +85 16 Ld 4x4 QFN L16.4x4
ISL6614AIRZ*
(Note)
66 14AIRZ
-40 to +85 16 Ld 4x4 QFN
(Pb-free)
L16.4x4
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
ISL6614ACB, ISL6614ACBZ, ISL6614ACBZA, ISL6614AIB,
ISL6614AIBZ
14 LD SOIC
TOP VIEW
ISL6614ACR, ISL6614ACRZ, ISL6614AIR, ISL6614AIRZ
16 LD 4X4 QFN
TOP VIEW
PWM1
PWM2
GND
LGATE1
1
2
3
4
14
13
12
PHASE1
UGATE1
BOOT1
PVCC
1
2
10
9
8
7
6
5
BOOT2
UGATE2
PHASE2
VCC
PGND
LGATE2
11
1
3
4
15
GND
LGATE1
PVCC
PGND
16
14
13
2
12
10
9
11
6
57
8
UGATE1
BOOT1
BOOT2
UGATE2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12