| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FARM1C21 bảng dữ liệu(PDF) 2 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
FARM1C21 bảng dữ liệu(HTML) 2 Page - Vicor Corporation |
|
2 / 11 page ![]() FARM™ Rev 6.9 vicorpower.com Page 2 of 11 06/2017 800 927.9474 FARMxxxx FARM1xxx FARM2xxx Parameter Min Typ Max Min Typ Max Unit Notes Output power 0 500 0 750 Watts 90 – 132VAC 0 750 0 1000 Watts 180 – 264VAC Efficiency 94 96 94 96 % 120/240VAC Output voltage 250 370 250 370 VDC 90 – 264VAC External hold-up capacitance 1,750 µF 2 – 3,300µF in series; HUB3300-S 1,100 µF 2 – 2,200µF in series; HUB2200-S OUTPUT SPECIFICATIONS Parameter Min Typ Max Unit Notes Operating input voltage low range 90 132 VAC Autoranging (doubler mode) high range 180 264 VAC Autoranging (bridge mode) Input undervoltage 90 VAC No damage AC line frequency 47 63 Hz C-Grade 47 880 Hz T-Grade, H-Grade Power factor 0.60 Dependent on line source impedance, hold up capacitance and load. Inrush current 30 Amps 264VAC peak line INPUT SPECIFICATIONS (FARM1xxx, FARM2xxx) Electrical Characteristics Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Specifications apply for AC mains having up to 5% total harmonic distortion. CONTROL PIN SPECIFICATIONS Parameter Min Typ Max Unit Notes AC Bus OK (B OK) Low state resistance 15 Ω To negative output – Bus normal Low state voltage 0.1 VDC Bus normal 50mA max. High state voltage 14.0 15.0 15.4 VDC Bus abnormal, 27kΩ internal pull up to 15VDC (see Figure11) B OK true threshold 235 240 245 VDC Output Bus voltage (see Figure 8) B OK false threshold 200 205 210 VDC Output Bus voltage Module Enable (EN) Low state resistance 15 Ω To negative output – Converters disabled Low state voltage 0.1 VDC 50mA max. High state voltage 12 14 16 VDC 150kΩ internal pull up to 15VDC (see Figure 10) Enable threshold 235 240 245 VDC Output bus voltage (see Figure 8) Disable threshold 185 190 195 VDC Output bus voltage AC Bus OK - Module Enable, 12 14 16 VDC AC Bus OK and Module Enable thresholds track differential error* * Tracking error between BUS OK and Enable thresholds |