công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL7660SCPAZ bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ICL7660SCPAZ
Giải thích chi tiết về linh kiện  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCPAZ bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ICL7660SCPAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCPAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN3179 Rev 7.00
Page 1 of 13
January 23, 2013
FN3179
Rev 7.00
January 23, 2013
ICL7660S, ICL7660A
Super Voltage Converters
DATASHEET
The ICL7660S and ICL7660A Super Voltage Converters are
monolithic CMOS voltage conversion ICs that guarantee
significant performance advantages over other similar
devices. They are direct replacements for the industry
standard ICL7660 offering an extended operating supply
voltage range up to 12V, with lower supply current. A
Frequency Boost pin has been incorporated to enable the
user to achieve lower output impedance despite using smaller
capacitors. All improvements are highlighted in the “Electrical
Specifications” section on page 3. Critical parameters are
guaranteed over the entire commercial and industrial
temperature ranges.
The ICL7660S and ICL7660A perform supply voltage
conversions from positive to negative for an input range of
1.5V to 12V, resulting in complementary output voltages of
-1.5V to -12V. Only two non-critical external capacitors are
needed, for the charge pump and charge reservoir functions.
The ICL7660S and ICL7660A can be connected to function
as a voltage doubler and will generate up to 22.8V with a
12V input. They can also be used as a voltage multipliers or
voltage dividers.
Each chip contains a series DC power supply regulator, RC
oscillator, voltage level translator, and four output power
MOS switches. The oscillator, when unloaded, oscillates at a
nominal frequency of 10kHz for an input supply voltage of
5.0V. This frequency can be lowered by the addition of an
external capacitor to the “OSC” terminal, or the oscillator
may be over-driven by an external clock.
The “LV” terminal may be tied to GND to bypass the internal
series regulator and improve low voltage (LV) operation. At
medium to high voltages (3.5V to 12V), the LV pin is left
floating to prevent device latchup.
In some applications, an external Schottky diode from VOUT
to CAP- is needed to guarantee latchup free operation (see
Do’s and Dont’s section on page 8).
Features
• Guaranteed Lower Max Supply Current for All
Temperature Ranges
• Wide Operating Voltage Range: 1.5V to 12V
• 100% Tested at 3V
• Boost Pin (Pin 1) for Higher Switching Frequency
• Guaranteed Minimum Power Efficiency of 96%
• Improved Minimum Open Circuit Voltage Conversion
Efficiency of 99%
• Improved SCR Latchup Protection
• Simple Conversion of +5V Logic Supply to ±5V Supplies
• Simple Voltage Multiplication VOUT = (-)nVIN
• Easy to Use; Requires Only Two External Non-Critical
Passive Components
• Improved Direct Replacement for Industry Standard
ICL7660 and Other Second Source Devices
• Pb-Free Available (RoHS Compliant)
Applications
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ±nVIN
• Negative Supplies for Data Acquisition Systems and
Instrumentation
• RS232 Power Supplies
• Supply Splitter, VOUT = ±VS
Pin Configurations
ICL7660S
(8 LD PDIP, SOIC)
TOP VIEW
ICL7660A
(8 LD PDIP, SOIC)
TOP VIEW
BOOST
CAP+
GND
CAP-
1
2
3
4
8
7
6
5
V+
OSC
LV
VOUT
NC
CAP+
GND
CAP-
1
2
3
4
8
7
6
5
V+
OSC
LV
VOUT


Số phần tương tự - ICL7660SCPAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ICL7660SCPAZ INTERSIL-ICL7660SCPAZ Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
logo
Renesas Technology Corp
ICL7660SCPAZ RENESAS-ICL7660SCPAZ Datasheet
667Kb / 14P
Super Voltage Converters
Feb 10, 2020
More results

Mô tả tương tự - ICL7660SCPAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660 INTERSIL-ICL7660 Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
CMOS Voltage Converters
Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
CMOS Voltage Converters
logo
Infineon Technologies A...
FF450R33TE3 INFINEON-FF450R33TE3 Datasheet
960Kb / 9P
Medium voltage converters
2016-05-18 revision:V2.0
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
CMOS Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com