| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC206-DS05-405-R bảng dữ liệu(PDF) 49 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
AC206-DS05-405-R bảng dữ liệu(HTML) 49 Page - Broadcom Corporation. |
|
49 / 70 page ![]() Preliminary Data Sheet AC206 07/08/02 B roa dcom Document AC206-DS05-405-R LED Display Matrix Page 37 LED DISPLAY MATRIX The LED Display uses refresh technique. By using the LED display matrix, the number of ports to drive the LED can be significantly reduced. Two LEDs are assigned for each port. On, Off, and Flash states are used to indicate different information. With reduced LED counts, and reduced number of signals, the LED display will be easier to route on the board, and less costly. Figure 5: LED Display Matrix LED_LN[5] LED_D[0] LED_LN[4] LED_LN[3] LED_LN[2] LED_LN[1] LED_LN[0] LED_D[1] LED_D[2] LED_D[3] LED_D[4] LED_D[5] LED_D[6] LED_D[7] D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED D? LED 330 OHM 330 OHM 330 OHM 330 OHM 330 OHM 330 OHM 330 OHM 330 OHM Port 1 Port 2 Port 3 Port 4 Port 5 |