công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EL7554IREZ bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện EL7554IREZ
Giải thích chi tiết về linh kiện  Monolithic 4A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7554IREZ bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button EL7554IREZ Datasheet HTML 6Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 7Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 8Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 9Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 10Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 11Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 12Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 13Page - Renesas Technology Corp EL7554IREZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EL7554
FN7360 Rev 5.00
Page 10 of 14
November 5, 2007
VO close to VIN. The maximum achievable VO is:
Where RL is the DC resistance on the inductor and RDSON1
is the PFET on-resistance, nominal 35m
 at room
temperature with tempco of 0.2m
/°C.
Output Voltage Selection
The output voltage can be as high as the input voltage minus
the PMOS and inductor voltage drops. Use R1 and R2 to set
the output voltage according to the following formula:
Standard values of R1 and R2 are listed in Table 1.
Voltage Margining
The EL7554 has built-in 5% load stress test (commonly
called voltage margining) function. Combinations of TM and
SEL set the margins shown in Table 2. When this function is
not used, both pins should be connected to SGND, either
directly or through a 10k
 resister. Figure 16 shows this
feature.
Switching Frequency
The regulator operates from 200kHz to 1MHz. The switching
frequency is generated by a relaxation comparator and
adjusted by a COSC. The triangle waveform has 95% duty
ratio and runs from 0.2V to 1.2V. Please refer to Figure 6 for
a specific frequency.
When external synchronization is required, use the following
circuit for connection. Always choose the converter self-
switching frequency 20% lower than the sync frequency to
accommodate component variations.
FIGURE 20. EXTERNAL SYNC CIRCUIT
Thermal Protection and Junction Temperature
Indicator
An internal temperature sensor continuously monitors the
junction temperature. In the event that the junction
temperature exceeds +135°C, the regulator is in a fault
condition and will shut down. When the temperature falls
back below +110°C, the regulator goes through the soft-start
procedure again.
The VTJ pin is an accurate indicator of the internal silicon
junction temperature TJ, which can be determined by the
following formula. This saves engineering time.
where VTJ is the voltage at VTJ pin.
Under-Voltage Lockout (UVLO)
When VDD falls bellow 2.5V, the regulator shuts down. When
VDD rises above 2.8V, converter goes through soft-start
process again.
Power Good Indicator (PG) and Over-Voltage
Protection
When the output reaches 10% of the preset voltage, the PG
pin outputs a HI signal as shown in the start-up waveform
(Figure 12). If the output voltage is higher than 10% of the
preset value for any reason, PG will go low and the regulator
will shut down. In addition to the indication power is good,
the PG pin can be used for multiple regulators’ start-up
control as described in the next section.
Full Start-Up Control
The EL7554 offers full start-up control. The core of this
control is a start-up comparator in front of the main PWM
controller. The STP and STN are the inputs to the
comparator, whose HI output forces the PWM comparator to
skip switching cycles. The user can choose any of the
following control configurations:
1. ADJUSTABLE SOFT-START
In this configuration, the ramp-up time is adjustable to any
time longer than the building soft-start time of 2ms. The
approximate ramp-up time, TST, is:
Figure 18 shows the waveforms.
TABLE 1.
VO (V)
R1 (k)R2 (k)
0.8
2
Open
12.49
10
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
36
11.5
TABLE 2.
CONDITION
TM
SEL
VO
Normal
0
X
Nominal
High Margin
1
1
Nominal + 5%
Low Margin
1
0
Nominal - 5%
VO
VIN RL RDSON1
+
 IO
–
=
VO
0.8
1
R1
R2
-------
+



=
EL7554
COSC
100pF
EXTERNAL SYNC
SOURCE
TJ
75
1.2 VTJ
–
0.00384
------------------------
+
=
TST
RC
VO
VIN
---------



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com