công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPC3432CZVB bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DLPC3432CZVB
Giải thích chi tiết về linh kiện  Display Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3432CZVB bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button DLPC3432CZVB Datasheet HTML 35Page - Texas Instruments DLPC3432CZVB Datasheet HTML 36Page - Texas Instruments DLPC3432CZVB Datasheet HTML 37Page - Texas Instruments DLPC3432CZVB Datasheet HTML 38Page - Texas Instruments DLPC3432CZVB Datasheet HTML 39Page - Texas Instruments DLPC3432CZVB Datasheet HTML 40Page - Texas Instruments DLPC3432CZVB Datasheet HTML 41Page - Texas Instruments DLPC3432CZVB Datasheet HTML 42Page - Texas Instruments DLPC3432CZVB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
B
C
E
D
Video
Video
A
A
Pulse position changes
on alternate subframes
Both
shutters
off
Next
shutter
on
39
DLPC3432
www.ti.com
DLPS108B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: DLPC3432
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 22. 3D DLP Link Pulse Timing
8.4.7 DMD (Sub-LVDS) Interface
The DLPC3432 ASIC DMD interface consists of a high speed 1.8-V sub-LVDS output-only interface with a
maximum clock speed of 600-MHz DDR and a low speed SDR (1.8-V LVCMOS) interface with a fixed clock
speed of 120 MHz. The DLPC3432 sub-LVDS interface supports a number of DMD display sizes, and as a
function of resolution, not all output data lanes are needed as DMD display resolutions decrease in size. With
internal software selection, the DLPC3432 also supports a limited number of DMD interface swap configurations
that can help board layout by remapping specific combinations of DMD interface lines to other DMD interface
lines as needed. Table 7 shows the four options available for the DLP230 (.23 qHD) DMD specifically. Any
unused DMD signal pairs should be left unconnected on the final board design.
Table 7. DLP230 (.23 qHD) DMD – ASIC to 4-Lane DMD Pin Mapping Options
DLPC343x ASIC 8 LANE DMD ROUTING OPTIONS
DMD PINS
OPTION 1
Swap Control = x0
OPTION 2
Swap Control = x2
HS_WDATA_D_P
HS_WDATA_D_N
HS_WDATA_E_P
HS_WDATA_E_N
Input DATA_p_0
Input DATA_n_0
HS_WDATA_C_P
HS_WDATA_C_N
HS_WDATA_F_P
HS_WDATA_F_N
Input DATA_p_1
Input DATA_n_1
HS_WDATA_B_P
HS_WDATA_B_N
HS_WDATA_G_P
HS_WDATA_G_N
Input DATA_p_2
Input DATA_n_2
HS_WDATA_A_P
HS_WDATA_A_N
HS_WDATA_H_P
HS_WDATA_H_N
Input DATA_p_3
Input DATA_n_3
HS_WDATA_H_P
HS_WDATA_H_N
HS_WDATA_A_P
HS_WDATA_A_N
Input DATA_p_4
Input DATA_n_4
HS_WDATA_G_P
HS_WDATA_G_N
HS_WDATA_B_P
HS_WDATA_B_N
Input DATA_p_5
Input DATA_n_5
HS_WDATA_F_P
HS_WDATA_F_N
HS_WDATA_C_P
HS_WDATA_C_N
Input DATA_p_6
Input DATA_n_6
HS_WDATA_E_P
HS_WDATA_E_N
HS_WDATA_D_P
HS_WDATA_D_N
Input DATA_p_7
Input DATA_n_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com