công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8250GVIO bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG

tên linh kiện TLE8250GVIO
Giải thích chi tiết về linh kiện  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
8
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Functional Description
Figure 4
Operation Modes
The TLE8250GVIO has 2 major operation modes:
•Stand-By mode
•Normal Operation mode
4.3
Normal Operation Mode
In Normal Operation mode the HS CAN transceiver TLE8250GVIO sends the serial data stream on the TxD pin
to the CAN bus while at the same time the data available on the CAN bus are monitored to the RxD pin. In
Normal Operation mode all functions of the TLE8250GVIO are active:
• The output driver stage is active and drives data from the TxD to the CAN bus.
• The receiver unit is active and provides the data from the CAN bus to the RxD pin.
• The bus basing is set to VCC/2.
• The under-voltage monitoring on the power supply VCC and on the power supply VIO is active.
Table 2
Operating modes
Mode
NEN
Bus Bias
Comments
Normal Operation “Low”
VCC/2
Output driver stage is active.
Receiver unit is active.
Stand-By
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.
VCC off
“Low”
or
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.
Undervoltage
Detection on VCC
and VIO
Power Down
VCC < VCC(UV)
Start – Up
Supply VCC
and VIO
VIO < VIO(UV)
NEN = 0
Normal Operation
Mode
NEN = 1
Stand-By Mode
NEN = 0
NEN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com