công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9250VLE bảng dữ liệu(PDF) 15 Page - Infineon Technologies AG

tên linh kiện TLE9250VLE
Giải thích chi tiết về linh kiện  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250VLE bảng dữ liệu(HTML) 15 Page - Infineon Technologies AG

Back Button TLE9250VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 17Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 18Page - Infineon Technologies AG TLE9250VLE Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
15
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Fail safe functions
7.4
Overtemperature protection
The TLE9250V has an integrated overtemperature detection to protect the TLE9250V against thermal
overstress of the transmitter. The overtemperature protection is only active in Normal-operating mode. In
case of an overtemperature condition, the temperature sensor will disable the transmitter while the
transceiver remains in Normal-operating mode. After the device has cooled down the transmitter is activated
again (see Figure 11). A hysteresis is implemented within the temperature sensor.
Figure 11
Overtemperature protection
7.5
Delay time for mode change
The HS CAN transceiver TLE9250V changes the mode of operation within the time window tMode. During the
mode change from Power-save mode to non-low power mode the RxD output pin is permanently set to logical
“high” and does not reflect the status on the CANH and CANL input pins.
After the mode change is completed, the transceiver TLE9250V releases the RxD output pin.
TxD
t
t
CANH
CANL
RxD
t
TJ
t
TJSD (shut down temperature)
switch-on transmitter
T
cool down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com