| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
39504 bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
39504 bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 16 page ![]() 2000 Microchip Technology Inc. DS39504A-page 4-7 Section 4 Architecture 4 4.4 I/O Descriptions Table 4-1 gives a brief description of device pins and the functions that may be multiplexed to a port pin. Multiple functions may exist on one port pin. When multiplexing occurs, the peripheral module’s functional requirements may force an override of the data direction (TRIS bit) of the port pin (such as in the A/D and Comparator modules). Table 4-1: I/O Descriptions Pin Name Pin Type Buffer Type Description A19 O — System bus address line 19 A18 O — System bus address line 18 A17 O — System bus address line 17 A16 O — System bus address line 16 AD15 I/O TTL System bus address/data line 15 AD14 I/O TTL System bus address/data line 14 AD13 I/O TTL System bus address/data line 13 AD12 I/O TTL System bus address/data line 12 AD11 I/O TTL System bus address/data line 11 AD10 I/O TTL System bus address/data line 10 AD9 I/O TTL System bus address/data line 9 AD8 I/O TTL System bus address/data line 8 AD7 I/O TTL System bus address/data line 7 AD6 I/O TTL System bus address/data line 6 AD5 I/O TTL System bus address/data line 5 AD4 I/O TTL System bus address/data line 4 AD3 I/O TTL System bus address/data line 3 AD2 I/O TTL System bus address/data line 2 AD1 I/O TTL System bus address/data line 1 AD0 I/O TTL System bus address/data line 0 ALE O — System bus address latch enable strobe Analog Input Channels AN0 I Analog AN1 I Analog AN2 I Analog AN3 I Analog AN4 I Analog AN5 I Analog AN6 I Analog AN7 I Analog AN8 I Analog AN9 I Analog AN10 I Analog AN11 I Analog AN12 I Analog AN13 I Analog AN14 I Analog AN15 I Analog AVDD PP Analog Power Legend: TTL = TTL-compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels O = output PU = Weak internal pull-up I = input Analog = Analog input or output P = Power |