| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS-P47K bảng dữ liệu(PDF) 16 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LS-P47K bảng dữ liệu(HTML) 16 Page - OSRAM GmbH |
|
16 / 20 page ![]() 2014-01-08 16 Version 1.1 LS P47K Barcode-Product-Label (BPL) Barcode-Produkt-Etikett (BPL) Dry Packing Process and Materials Trockenverpackung und Materialien Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC. Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und einer Feuchteindikatorkarte. Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten. OHA04563 (G) GROUP: 1234567890 (1T) LOT NO: (9D) D/C: 1234 (X) PROD NO: 123456789 (6P) BATCH NO: 1234567890 LX XXXX RoHS Compliant BIN1: XX-XX-X-XXX-X ML X Temp ST XXX °C X Pack: RXX DEMY XXX X_X123_1234.1234 X 9999 (Q)QTY: Semiconductors OSRAM Opto XX-XX-X-X LE X X PLE LLXXXX 234.1234 X 234.1234 X X-X-X X- LLLLLL PL XXX XXX 12 123 XX XX MPL XX X X_X123_1 XX-XX MPL Pack: RX Pack: RX DEMY DEMY MP 4 4 MP AMP M M M AM M AM M D) D/C D) D/C 234 234 M M M M M 3 3 PL Pack: R Pack: R DEMY Y AM M M AM AM D/ D MP M M M :: 123 23 AM AM AAM (9D (9D XAAA XAA XA XXA X EXA EX EX EXXXXA XX EX EXX 7890 7890 EXXXXXX EX EXA EEEX EX EEXX EEX EEX EX EX :: 1234567 4 rr EEEEEEEEE NO: NO: 234 234 EX ors ors XA X 890 8 X RX DEMY 12 D) D/C: 234 ( 7890 NO: 234 po XXX _123 XX- Pack: R DEMY tors OHA00539 Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re L e v e l 3 F lo o r ti m e 1 6 8 H o u rs M o is tu re L e v e l 6 F lo o r ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚C ± 5 ˚C , o r re fl o w , v a p o r- p h a s e re fl o w , o r e q u iv a le n t p ro c e s s in g (p e a k p a c k a g e 2 . A ft e r th is b a g is o p e n e d , d e v ic e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf lif e in s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚C a n d < 9 0 % re la ti v e h u m id it y (R H ). M o is tu re L e v e l 5 a a t fa c to ry c o n d it io n s o f (i f b la n k , s e a l d a te is id e n ti c a l w it h d a te c o d e ). a ) M o u n te d w it h in b ) S to re d a t b o d y te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e v e l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a o r 2 b is n o t m e t. D a te a n d ti m e o p e n e d : re fe re n c e IP C /J E D E C J -S T D -0 3 3 fo r b a k e p ro c e d u re . F lo o r ti m e s e e b e lo w If b la n k , s e e b a r c o d e la b e l F lo o r ti m e > 1 Y e a r F lo o r ti m e 1 Y e a r F lo o r ti m e 4 W e e k s 1 0 % R H . _ < M o is tu re L e v e l 4 M o is tu re L e v e l 5 ˚C ). O P T O S E M IC O N D U C T O R S M O IS T U R E S E N S IT IV E T h is b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r ti m e 4 8 H o u rs F lo o r ti m e 2 4 H o u rs 3 0 ˚C /6 0 % R H . _ < L E V E L If b la n k , s e e b a r c o d e la b e l |