| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NJW1140 bảng dữ liệu(PDF) 7 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJW1140 bảng dữ liệu(HTML) 7 Page - New Japan Radio |
|
7 / 15 page ![]() NJW1140 -7 - MSB LSB MSB LSB LSB MSB 1bit 8bit 1bit 8bit 1bit 8bit 1bit 1bit MSB LSB s s s s DEFINITION OF I 2C REGISTER q q q q I 2C BUS FORMAT S Slave Address A Select Address A Data A P S: Starting Term A: Acknowledge Bit P: Ending Term q q q q SLAVE ADDRESS 1 0 0 0 0 0 1 R/W R/W=0: Receive Only q q q q CONTROL REGISTER TABLE The select address sets each function (Volume, Balance, AGC, Surround, Tone Control). The auto increment function cycles the select address as follows. 00H¡01H¡02H¡03H¡04H¡05H¡00H BIT Select Address D7 D6 D5 D4 D3 D2 D1 D0 00H VOL 01H CHS BAL SR1 SR0 02H BCB BASS BCSB SUB-BASS 03H BCT TREB BCST SUB-TREB 04H Don’t Care 05H OUT SEL AGC1 AGC0 AGC Don’t Care q q q q CONTROL REGISTER DEFAULT VALUE BIT Select Address D7 D6 D5 D4 D3 D2 D1 D0 00H 0 0 0 0 0 0 0 0 01H 0 0 0 0 0 0 0 0 02H 0 0 0 0 0 0 0 0 03H 0 0 0 0 0 0 0 0 04H 0 0 0 0 0 0 0 0 05H 0 0 0 0 0 0 0 0 |