công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LG-M67K bảng dữ liệu(PDF) 17 Page - OSRAM GmbH

tên linh kiện LG-M67K
Giải thích chi tiết về linh kiện  white SMT package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-M67K bảng dữ liệu(HTML) 17 Page - OSRAM GmbH

Back Button LG-M67K Datasheet HTML 12Page - OSRAM GmbH LG-M67K Datasheet HTML 13Page - OSRAM GmbH LG-M67K Datasheet HTML 14Page - OSRAM GmbH LG-M67K Datasheet HTML 15Page - OSRAM GmbH LG-M67K Datasheet HTML 16Page - OSRAM GmbH LG-M67K Datasheet HTML 17Page - OSRAM GmbH LG-M67K Datasheet HTML 18Page - OSRAM GmbH LG-M67K Datasheet HTML 19Page - OSRAM GmbH LG-M67K Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Version 1.2
LG M67K
2014-10-30
17
Notes
Hinweise
The evaluation of eye safety occurs according to the
standard IEC 62471:2008 ("photobiological safety of
lamps and lamp systems"). Within the risk grouping
system of this CIE standard, the LED specified in this
data sheet fall into the class Exempt group
(exposure time 10000 s). Under real circumstances
(for exposure time, eye pupils, observation
distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of
principle, however, it should be mentioned that
intense light sources have a high secondary
exposure potential due to their blinding effect. As is
also true when viewing other bright light sources
(e.g. headlights), temporary reduction in visual
acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Die Bewertung der Augensicherheit erfolgt nach
dem Standard IEC 62471:2008 ("photobiological
safety of lamps and lamp systems"). Im
Risikogruppensystem dieser CIE- Norm erfüllen die
in diesem Datenblatt angegebenen LEDs folgende
Gruppenanforderung - Exempt group
(Expositionsdauer 10000 s). Unter realen
Umständen (für Expositionsdauer, Augenpupille,
Betrachtungsabstand) geht damit von diesen
Bauelementen keinerlei Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass
intensive Lichtquellen durch ihre Blendwirkung ein
hohes sekundäres Gefahrenpotenzial besitzen.
Nach einem Blick in eine helle Lichtquelle (z.B.
Autoscheinwerfer), kann ein temporär
eingeschränktes Sehvermögen oder auch
Nachbilder zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
For further application related informations
please visit www.osram-os.com/appnotes
Für weitere applikationsspezifische
Informationen besuchen Sie bitte
www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com