| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS951901 bảng dữ liệu(PDF) 12 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951901 bảng dữ liệu(HTML) 12 Page - Integrated Circuit Systems |
|
12 / 19 page ![]() 12 ICS951901 0670B—07/15/04 General I 2C serial interface information for the ICS951901 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D2 (H) • ICS clock will acknowledge • Controller (host) sends a dummy command code • ICS clock will acknowledge • Controller (host) sends a dummy byte count • ICS clock will acknowledge • Controller (host) starts sending Byte 0 through Byte 28 (see Note 2) • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the read address D3 (H) • ICS clock will acknowledge • ICS clock will send the byte count • Controller (host) acknowledges • ICS clock sends Byte 0 through byte 6 (default) • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 6). • Controller (host) will need to acknowledge each byte • Controller (host) will send a stop bit *See notes on the following page. Controller (Host) ICS (Slave/Receiver) Start Bit Address D2(H) ACK Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK Byte 18 ACK Byte 19 ACK Byte 20 ACK Stop Bit How to Write: Controller (Host) ICS (Slave/Receiver) Start Bit Address D3(H) ACK Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Byte 6 ACK If 7H has been written to B6 Byte 7 ACK If 1AH has been written to B6 Byte18 ACK If 1BH has been written to B6 Byte 19 ACK If 1CH has been written to B6 Byte 20 ACK Stop Bit How to Read: |