| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9FG104 bảng dữ liệu(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9FG104 bảng dữ liệu(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 15 page ![]() 9 Integrated Circuit Systems, Inc. ICS9FG104 0839D—06/02/05 SMBus Table: Frequency Select Readback Register Pin # Name Control Function Type0 1 PWD Bit 7 SEL14M_25M# 1 (FS3) State of pin 17 R Pin 17 Bit 6 FS2 1 State of pin 6 R Pin 6 Bit 5 FS1 1 State of pin 24 R Pin 24 Bit 4 FS0 1 State of pin 25 R Pin 25 Bit 3 SPREAD 1 State of pin 16 R Off On Pin 16 Bit 2 0 Bit 1 0 Bit 0 0 Notes: 1. These bits reflect the state of the corresponding pins, regardless of whether software programming is enabled or not. SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type0 1 PWD Bit 7 RID3 R - - X Bit 6 RID2 R - - X Bit 5 RID1 R - - X Bit 4 RID0 R - - X Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type0 1 PWD Bit 7 DID7 RW - - 0 Bit 6 DID6 RW - - 0 Bit 5 DID5 RW - - 0 Bit 4 DID4 RW - - 0 Bit 3 DID3 RW - - 1 Bit 2 DID2 RW - - 0 Bit 1 DID1 RW - - 0 Bit 0 DID0 RW - - 0 Byte 5 - - - - - - - Byte 4 - REVISION ID - - - - - 16 VENDOR ID - - - 25 24 See Frequency Selection Table, Page 1 6 17 Reserved Reserved Reserved Device ID = 08 hex Byte 3 |